Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDQ-3.3V Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # FDQ-3.3V
Description  3.3V CMOS Low Jitter XO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

FDQ-3.3V Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  FDQ-3.3V Datasheet HTML 1Page - Pericom Semiconductor Corporation FDQ-3.3V Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
All specifications are subject to change without notice.
FDQ 3.3 RevA
01/06/2016
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.saronix-ecera.com
3.3V CMOS Low Jitter XO
FDQ Series Crystal Clock Oscillator (XO)
AEC-Q200 Qualified
5.0 x 3.2mm
FDQ
Product Features
• AEC-Q200 Qualified
• 1 to 156.25 MHz Frequency Range
• <1 ps RMS jitter
• 3.3V CMOS/TTL compatible logic levels
• Pin-compatible with standard 5.0 x 3.2mm
packages
• Designed for standard reflow and washing
techniques
• Low power standby mode
• Pb-free and RoHS/Green compliant
Product Description
The FDQ Series 3.3V crystal clock oscillator
achieves superb jitter and stability over a broad
range of operating conditions and frequencies.
The output clock signal, generated internally
with a non-PLL oscillator design, is compatible
with LVCMOS/LVTTL logic levels. The device,
available on tape and reel, is contained in a
5.0 x 3.2mm surface-mount ceramic package.
Applications
The FDQ series is an ideal reference clock for
Automotive applications requiring low jitter and
low power, including:
• Infotainment systems
• Head units
Package: (Scale: none; dimensions are in mm)
Pin Functions:
Pin
Function
1
OE Function
2
Ground
3
Clock Output
4
VDD
Recommended Land Pattern:
5.0 x 3.2mm Ceramic SMD
Part Ordering Information:
Following the above format, Saronix-eCera part numbers will be assigned upon
confirmation of exact customer requirements.
FD XXX YYYY Q
Product�Family
XXX = Frequency�Code
Q = Automotive Grade
YYYY = Serial Number
D
16-0004


Similar Part No. - FDQ-3.3V

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FDQ-1.8V PERICOM-FDQ-1.8V Datasheet
983Kb / 2P
   1.8V CMOS Low Jitter XO
FDQ-2.5V PERICOM-FDQ-2.5V Datasheet
982Kb / 2P
   2.5V CMOS Low Jitter XO
More results

Similar Description - FDQ-3.3V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN3270025 ETC2-FN3270025 Datasheet
252Kb / 3P
   3.3V CMOS Low Jitter XO
FD2400022 ETC2-FD2400022 Datasheet
260Kb / 3P
   3.3V CMOS Low Jitter XO
FK3300006 ETC2-FK3300006 Datasheet
238Kb / 3P
   3.3V CMOS Low Jitter XO
FN1470033 ETC2-FN1470033 Datasheet
252Kb / 3P
   3.3V CMOS Low Jitter XO
FK2500019 ETC2-FK2500019 Datasheet
238Kb / 3P
   3.3V CMOS Low Jitter XO
logo
Pericom Semiconductor C...
FK-3.3V PERICOM-FK-3.3V Datasheet
641Kb / 2P
   3.3V CMOS Low Jitter XO
FK0100002 PERICOM-FK0100002 Datasheet
238Kb / 3P
   3.3V CMOS Low Jitter XO
logo
List of Unclassifed Man...
FN5000110 ETC2-FN5000110 Datasheet
252Kb / 3P
   3.3V CMOS Low Jitter XO
FN5000109 ETC2-FN5000109 Datasheet
252Kb / 3P
   3.3V CMOS Low Jitter XO
FN0200045 ETC2-FN0200045 Datasheet
252Kb / 3P
   3.3V CMOS Low Jitter XO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com