Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAVR-000409-0287FT Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAVR-000409-0287FT
Description  Surface Mount Hyperabrupt Varactors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAVR-000409-0287FT Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAVR-000409-0287FT Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAVR-000409-0287FT Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAVR-000409-0287FT Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAVR-000409-0287FT Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAVR-000409-0287FT Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Surface Mount Hyperabrupt Varactors
Rev. V3
MAVR-000400 Series
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Surface Mount Packages
 High Quality Factor
 Capacitance Ratio to 9.5:1
 Tape and Reel Packaging Available
 SPC Monitored Ion Implantation for Excellent
 C-V Repeatability
 Singles and Common Cathode Pairs
 Lead-Free
 RoHS* Compliant
Description
The
MAVR-000400
series
are
ion-implanted,
hyperabrupt junction, silicon tuning varactors in the
SOT-23 surface mount package. These thermal
oxide passivated diodes feature high capacitance
ratio and quality factor. They are well suited for
octave bandwidth tuning in the HF to UHF frequency
bands. The standard capacitance tolerance is
±10%, with tighter tolerances available. Capacitance
matching at one or more bias voltages is also
available. These diodes are supplied with 100%
matte Sn plating.
Applications
The MAVR-000400 series tuning varactors are
useful for octave bandwidth tuning applications in
the HF through UHF ranges. Applications include
VCOs and voltage tuned filters in radios, cable TV
tuners and test instruments where low cost and
excellent lot-to-lot repeatability are critical. Linear
tuning performance is available from 3 to 8 volts.
RoHS Compliant
Part Number
Configuration
MAVR-000401-0287AT
Single
MAVR-000403-0287AT
Single
MAVR-000404-0287AT
Single
MAVR-000405-0287AT
Single
MAVR-000407-0287AT
Single
MAVR-000409-0287AT
Single
MAVR-000401-0287FT
Common Cathode
MAVR-000403-0287FT
Common Cathode
MAVR-000404-0287FT
Common Cathode
MAVR-000405-0287FT
Common Cathode
MAVR-000407-0287FT
Common Cathode
MAVR-000409-0287FT
Common Cathode
RoHS Compliant Parts1
1. Suffix refers to package style, configuration and packaging
requirements. Other packages and configurations may be
available upon request.
Configurations
Common Cathode
Single
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.


Similar Part No. - MAVR-000409-0287FT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAVR-000409-0287FT MACOM-MAVR-000409-0287FT Datasheet
67Kb / 4P
   Surface Mount Hyperabrupt Varactors
logo
M/A-COM Technology Solu...
MAVR-000409-0287FT MA-COM-MAVR-000409-0287FT Datasheet
70Kb / 4P
   Surface Mount Hyperabrupt Varactors
More results

Similar Description - MAVR-000409-0287FT

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4ST400 MA-COM-MA4ST400 Datasheet
70Kb / 4P
   Surface Mount Hyperabrupt Varactors
MAVR-000400 MA-COM-MAVR-000400 Datasheet
470Kb / 4P
   Surface Mount Hyperabrupt Varactors
logo
Tyco Electronics
MA4ST400 MACOM-MA4ST400 Datasheet
34Kb / 2P
   Surface Mount Hyperabrupt Varactors
MA4ST400 MACOM-MA4ST400_1 Datasheet
67Kb / 4P
   Surface Mount Hyperabrupt Varactors
MA4ST079 MACOM-MA4ST079_1 Datasheet
96Kb / 3P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
M/A-COM Technology Solu...
MA4ST079-083 MA-COM-MA4ST079-083_15 Datasheet
98Kb / 3P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
Tyco Electronics
MA4ST079 MACOM-MA4ST079 Datasheet
86Kb / 3P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
M/A-COM Technology Solu...
MA4ST079 MA-COM-MA4ST079 Datasheet
98Kb / 3P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA4ST079-083 MA-COM-MA4ST079-083 Datasheet
98Kb / 3P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MAVR-0000XX MA-COM-MAVR-0000XX Datasheet
644Kb / 4P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com