Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJ-2.5V Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # FJ-2.5V
Description  2.5V CMOS Low Jitter XO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

FJ-2.5V Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  FJ-2.5V Datasheet HTML 1Page - Pericom Semiconductor Corporation FJ-2.5V Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
All specifications are subject to change without notice.
FJ 2.5V REV 2015
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888 • www.saronix-ecera.com
2.5V CMOS Low Jitter XO
FJ Series Crystal Clock Oscillator (XO)
2.5 x 2.0mm
FJ
Output Enable / Disable Function
Parameter
Min.
Typ.
Max.
Units
Notes
Input Voltage (pin 1), Output Enable
0.7 VDD
V
or open
Input Voltage (pin 1), Output Disable (low power standby)
0.3 VDD
V
Output is Hi-Z
Internal Pullup Resistance
30
Output Disable Delay
100
ns
Output Enable Delay
10
ms
Electrical Performance
Parameter
Min.
Typ.
Max.
Units
Notes
Output Frequency
1
156.25
MHz
As specified
Supply Voltage
2.25
2.5
2.75
V
Supply Current, Output Enabled
5
mA
1 to 156.25 MHz
Supply Current, Standby Mode
10
µA
Output Hi-Z
Frequency Stability
±20 to ±50
ppm
See Note 1 below
Operating Temperature Range
-20
+70
°C
Commercial (standard)
-40
+85
Industrial (standard)
Output Logic 0, VOL
10% VDD
V
Output Logic 1, VOH
90% VDD
V
Output Load
15
pF
Duty Cycle
45
55
%
Measured 50% VDD
Rise and Fall Time
5
ns
Measured 20/80% of waveform
Jitter, Phase
1
ps RMS (1-σ)
12kHz to 20 MHz frequency band
Jitter, Accumulated
5
ps RMS (1-σ)
20.000 adjacent periods
Jitter, Total
50
ps pk-pk
100.000 random periods
Notes:
1.
Stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, initial calibration tolerance (25°C),
aging (1 year at 25°C average effective ambient temperature), shock and vibration.
2.
For specifications othere than those listed, please contact sales.
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
Notes
Storage Temperature
-55
+125
°C
For the latest product information visit:
http://www.pericom.com/products/timing/oscillators/FJ2.5/
For test circuit go to:
http://www.pericom.com/pdf/sre/tc_hcmos2.pdf
For soldering reflow profile and reliability test ratings go to:
http://www.pericom.com/pdf/sre/reflow.pdf
For tape and reel information go to:
http://www.pericom.com/pdf/sre/tr_2520_xo.pdf
15-0090


Similar Part No. - FJ-2.5V

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
FJ-20-D-02.00-2 SAMTEC-FJ-20-D-02.00-2 Datasheet
155Kb / 1P
   FLAT FLEXIBLE CABLE (FFC) JUMPER
logo
Coolgear Inc.
FJ-2025 COOLGEAR-FJ-2025 Datasheet
347Kb / 2P
   12 Volt – 6 Amp DC Barrel Switching Power Supply
FJ-2026 COOLGEAR-FJ-2026 Datasheet
435Kb / 2P
   5 Volt – 4 Amp DC Barrel Switching Power Supply
More results

Similar Description - FJ-2.5V

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FD-2.5V PERICOM-FD-2.5V Datasheet
259Kb / 3P
   2.5V CMOS Low Jitter XO
FKQ-2.5V PERICOM-FKQ-2.5V Datasheet
857Kb / 2P
   2.5V CMOS Low Jitter XO
FDQ-2.5V PERICOM-FDQ-2.5V Datasheet
982Kb / 2P
   2.5V CMOS Low Jitter XO
FK-2.5V PERICOM-FK-2.5V Datasheet
643Kb / 2P
   2.5V CMOS Low Jitter XO
FDSAS2062 PERICOM-FDSAS2062 Datasheet
622Kb / 2P
   2.5V CMOS Low-Jitter 62.5 MHz SAS-2 XO
logo
List of Unclassifed Man...
FN3270025 ETC2-FN3270025 Datasheet
252Kb / 3P
   3.3V CMOS Low Jitter XO
FD2400022 ETC2-FD2400022 Datasheet
260Kb / 3P
   3.3V CMOS Low Jitter XO
FK3300006 ETC2-FK3300006 Datasheet
238Kb / 3P
   3.3V CMOS Low Jitter XO
FN1470033 ETC2-FN1470033 Datasheet
252Kb / 3P
   3.3V CMOS Low Jitter XO
FK2500019 ETC2-FK2500019 Datasheet
238Kb / 3P
   3.3V CMOS Low Jitter XO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com