Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX60T-C71PR Datasheet(PDF) 6 Page - Hirose Electric

Part # EX60T-C71PR
Description  High-Speed Differential Signal Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

EX60T-C71PR Datasheet(HTML) 6 Page - Hirose Electric

Back Button EX60T-C71PR Datasheet HTML 2Page - Hirose Electric EX60T-C71PR Datasheet HTML 3Page - Hirose Electric EX60T-C71PR Datasheet HTML 4Page - Hirose Electric EX60T-C71PR Datasheet HTML 5Page - Hirose Electric EX60T-C71PR Datasheet HTML 6Page - Hirose Electric EX60T-C71PR Datasheet HTML 7Page - Hirose Electric EX60T-C71PR Datasheet HTML 8Page - Hirose Electric EX60T-C71PR Datasheet HTML 9Page - Hirose Electric EX60T-C71PR Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
sPlug (Standard type)
40.5
43
43.8
4.1
5.6
P= 1
35
q71 contact (Signal contacts only)
EX40T-C71S (CL232-0583-1)
q65 contact (59 signal contacts, 6 power supply contacts)
EX40T-C65S (CL232-0589-8)
Power supply contacts
40.5
43
43.8
4.1
5.6
P= 1
35


Similar Part No. - EX60T-C71PR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EX6 ETC-EX6 Datasheet
5Mb / 30P
   ExaGrid Tiered Backup Storage
logo
Axiomtek Co., Ltd.
EX61000A AXIOMTEK-EX61000A Datasheet
741Kb / 6P
   Industrial Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
logo
Extech Instruments Corp...
EX612 EXTECH-EX612 Datasheet
385Kb / 14P
   400Amp True RMS AC Clamp Meter
EX613 EXTECH-EX613 Datasheet
384Kb / 14P
   400Amp True RMS AC/DC Clamp Meter
EX613 EXTECH-EX613_15 Datasheet
306Kb / 1P
   400A Dual Input Clamp Meters IR Thermometer NCV
More results

Similar Description - EX60T-C71PR

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2520-301-2P-T002 TDK-ACM2520-301-2P-T002 Datasheet
186Kb / 9P
   For high-speed differential signal line, general differential signal lines
ACM2012E-670-2P-T00 TDK-ACM2012E-670-2P-T00 Datasheet
244Kb / 9P
   For high-speed differential signal line, general differential signal line
ACM2012E TDK-ACM2012E Datasheet
244Kb / 9P
   For high-speed differential signal line, general differential signal line
ACM4532-102-3P-T TDK-ACM4532-102-3P-T Datasheet
129Kb / 6P
   For high-speed differential signal line/general signal line
ACM2012-900-2P-T002 TDK-ACM2012-900-2P-T002 Datasheet
90Kb / 4P
   For high-speed differential signal line/general signal line
ACM2012H-T00 TDK-ACM2012H-T00 Datasheet
165Kb / 7P
   For ultra high-speed differential signal line
ACM2012H-T05 TDK-ACM2012H-T05 Datasheet
159Kb / 7P
   For ultra high-speed differential signal line
ACM2012H-T03 TDK-ACM2012H-T03 Datasheet
149Kb / 7P
   For automobile ultra high-speed differential signal line
TCM0403M TDK-TCM0403M Datasheet
172Kb / 4P
   Common mode filters High-speed differential signal line
TCM0605M TDK-TCM0605M Datasheet
181Kb / 4P
   Common mode filters High-speed differential signal line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com