Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10221 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10221
Description  10-Bit, 15 MSPS, 98 mW A/D Converter with Internal Sample and Hold
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10221 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC10221 Datasheet HTML 1Page - National Semiconductor (TI) ADC10221 Datasheet HTML 2Page - National Semiconductor (TI) ADC10221 Datasheet HTML 3Page - National Semiconductor (TI) ADC10221 Datasheet HTML 4Page - National Semiconductor (TI) ADC10221 Datasheet HTML 5Page - National Semiconductor (TI) ADC10221 Datasheet HTML 6Page - National Semiconductor (TI) ADC10221 Datasheet HTML 7Page - National Semiconductor (TI) ADC10221 Datasheet HTML 8Page - National Semiconductor (TI) ADC10221 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Ordering Information
Commercial
(−40˚C
≤ T
A ≤ +85˚C)
NS Package
ADC10221CIVT
TQFP
Block Diagram
DS101038-2
www.national.com
2


Similar Part No. - ADC10221

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC102 MPSIND-ADC102 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC1021 NSC-ADC1021 Datasheet
243Kb / 7P
   10-BIT uP COMPATIBLKE A/D CONVERTERS
ADC1021CCJ NSC-ADC1021CCJ Datasheet
243Kb / 7P
   10-BIT uP COMPATIBLKE A/D CONVERTERS
ADC1021CCJ-1 NSC-ADC1021CCJ-1 Datasheet
243Kb / 7P
   10-BIT uP COMPATIBLKE A/D CONVERTERS
ADC1025 NSC-ADC1025 Datasheet
411Kb / 11P
   10-BIT uP COMPATIBLE A/D CONVERTERS
More results

Similar Description - ADC10221

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC10030 NSC-ADC10030 Datasheet
417Kb / 17P
   10-Bit, 30 MSPS, 125 mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010_14 Datasheet
1Mb / 30P
[Old version datasheet]   ADC12010 12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC08L060 NSC-ADC08L060_08 Datasheet
454Kb / 20P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 NSC-ADC08L060 Datasheet
565Kb / 19P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08L060 TI1-ADC08L060_15 Datasheet
1Mb / 28P
[Old version datasheet]   10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 TI1-ADC08L060_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com