Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF16A-50DS-0.5V Datasheet(PDF) 1 Page - Hirose Electric

Part # DF16A-50DS-0.5V
Description  0.5mm Pitch SMT Board to Board Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF16A-50DS-0.5V Datasheet(HTML) 1 Page - Hirose Electric

  DF16A-50DS-0.5V Datasheet HTML 1Page - Hirose Electric DF16A-50DS-0.5V Datasheet HTML 2Page - Hirose Electric DF16A-50DS-0.5V Datasheet HTML 3Page - Hirose Electric DF16A-50DS-0.5V Datasheet HTML 4Page - Hirose Electric DF16A-50DS-0.5V Datasheet HTML 5Page - Hirose Electric DF16A-50DS-0.5V Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
A308
0.5mm Pitch SMT Board to Board Connector
DF16 Series
sFeatures
1. Miniaturizing and Slimming
In addition to 0.5mm pitch miniaturization, board to stacking height of 2mm and 2.5mm are prrovided.
2. High Contact Reliability
The bellows female contact has a sufficient spring characteristic despite the low profile, and achieves high contact reliability.
3. Click Sensitivity in Mating
The click feeling is considered to facilitate insertion check when the connector is mated.
4. Metal Fitting Available
The metal fitting to prevent the solder peel is provided, considering the mounting on FPC.
5. Corresponding to Automatic Mounting
The connector has the vacuum pick-up area, and enables the automatic mounting with the embossed tape packaging.
Connector specification with no boss and no fitting is also.
Note1: The stacking height doesn't include the solder paste thickness.
Receptacle commonly uses DF16#-
*DS-0.5V.
sApplications
Mobile phone, LCD(Liquid Crystal Display), and so on
Receptacle
Header
Header
Receptacle
Correspond to Automatic Mounting
The vacuum pick-up area is prepared for automatic
mounting machine.
Header Product Name
Stacking Height
DF16#(2.0)-*DP-0.5V
2.0mm
DF16#(2.5)-*DP-0.5V
2.5mm


Similar Part No. - DF16A-50DS-0.5V

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
DF160 SIPOWER-DF160 Datasheet
267Kb / 2P
   Bridge Rectifier
DF160 SIPOWER-DF160 Datasheet
261Kb / 2P
   Bridge Rectifier
logo
Infineon Technologies A...
DF160R12W2H3F-B11 INFINEON-DF160R12W2H3F-B11 Datasheet
797Kb / 11P
   Al2O3 Substrate with Low Thermal Resistance
2013-11-11 revision:2.0
DF160R12W2H3F_B11 INFINEON-DF160R12W2H3F_B11 Datasheet
728Kb / 11P
   Bypass-Diode / Bypass-Diode
V3.0 2017-03-31
logo
SHINMEI ELECTRIC CO., L...
DF1620E SHINMEI-DF1620E Datasheet
56Kb / 2P
   Flapper Solenoids DF1620E Series With Diode Protecting From Counter Electromotive Voltage,
More results

Similar Description - DF16A-50DS-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
logo
Harwin Plc
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-350R HARWIN-M58-350R Datasheet
209Kb / 2P
   MALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com