Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF9C-23S-1V Datasheet(PDF) 8 Page - Hirose Electric

Part # DF9C-23S-1V
Description  1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF9C-23S-1V Datasheet(HTML) 8 Page - Hirose Electric

  DF9C-23S-1V Datasheet HTML 1Page - Hirose Electric DF9C-23S-1V Datasheet HTML 2Page - Hirose Electric DF9C-23S-1V Datasheet HTML 3Page - Hirose Electric DF9C-23S-1V Datasheet HTML 4Page - Hirose Electric DF9C-23S-1V Datasheet HTML 5Page - Hirose Electric DF9C-23S-1V Datasheet HTML 6Page - Hirose Electric DF9C-23S-1V Datasheet HTML 7Page - Hirose Electric DF9C-23S-1V Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
A285
BPrecautions for Use
1. Recommended Temperature Profile (SMT)
Note 1 : Maximum twice action is allowed under the same condition. However, the interval between
the first process and second actions must be maintained at the room temperature.
Note 2 : The temperature indicates the board surface temperature in the connector lead area.
2. Recommended Manual Soldering Condition (SMT)
Soldering iron temperature: 290±10ç, Soldering time: Within 2 seconds
3. Recommended Screen Thickness (SMT)
0.15mm
4. Board Warp(SMT)
Maximum 0.03mm in the connector center area, based on both connector edges.
5. Cleaning Condition
Refer to the "Nylon Connector Use Hand book".
6. Cautions
s Avoid retaining the board with the connector only, and fix the board by any other means than the connector.
s Where the board is not mounted, the insertion or extraction will cause damage or deformation in contacts.
s Excessive scoop insertion or extraction may result in damage.
s In the manual soldering process, don't carry out flux coating which will cause a flux blister on the connector.
s The color phase of this product may be slightly different from that of the forming product according to the
manufacturing lot. However, the difference doesn't affect the performance.
Temperature
Time
Maximum
Preheating area
Soldering area
IR reflow condition
Preheating area 150ç
for 100 to 120 seconds
Soldering area
235±5ç for 10 seconds max.
220ç
Min for 10 to 30 second


Similar Part No. - DF9C-23S-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF9 HIROSE-DF9 Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF9-09P-1V HIROSE-DF9-09P-1V Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF9-11P-1V HIROSE-DF9-11P-1V Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF9-11S-1V HIROSE-DF9-11S-1V Datasheet
239Kb / 8P
   1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
DF9-11S-1V HIROSE-DF9-11S-1V Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
More results

Similar Description - DF9C-23S-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF9-15S-1V32 HIROSE-DF9-15S-1V32 Datasheet
239Kb / 8P
   1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
DF9 HIROSE-DF9 Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF15A-20DS-0.65V HIROSE-DF15A-20DS-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF15 ETC1-DF15 Datasheet
366Kb / 11P
   0.65mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF151.830DS-0.65V56 HIROSE-DF151.830DS-0.65V56 Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com