Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF1-11S-2.5R28 Datasheet(PDF) 6 Page - Hirose Electric

Part # DF1-11S-2.5R28
Description  2.5mm Pitch Connector for Discrete Wire Connection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1-11S-2.5R28 Datasheet(HTML) 6 Page - Hirose Electric

  DF1-11S-2.5R28 Datasheet HTML 1Page - Hirose Electric DF1-11S-2.5R28 Datasheet HTML 2Page - Hirose Electric DF1-11S-2.5R28 Datasheet HTML 3Page - Hirose Electric DF1-11S-2.5R28 Datasheet HTML 4Page - Hirose Electric DF1-11S-2.5R28 Datasheet HTML 5Page - Hirose Electric DF1-11S-2.5R28 Datasheet HTML 6Page - Hirose Electric DF1-11S-2.5R28 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
B151
sPin Header Right Angle Type
Note 1.A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Note 2.The socket applicable to the 18 contact connector is only crimping type.
Unit: mm
Part Number
CL No.
DF1- 2P-2.5DS
DF1- 3P-2.5DS
DF1- 4P-2.5DS
DF1- 5P-2.5DS
DF1- 6P-2.5DS
DF1- 7P-2.5DS
DF1- 8P-2.5DS
DF1- 9P-2.5DS
DF1-10P-2.5DS
541-0020-4
541-0021-7
541-0022-0
541-0023-2
541-0024-5
541-0025-8
541-0026-0
541-0027-3
541-0028-6
2
3
4
5
6
7
8
9
10
7.5
10
12.5
15
17.5
20
22.5
25
27.5
3.8
6.3
8.8
11.3
13.8
16.3
18.8
21.3
23.8
2.5
5
7.5
10
12.5
15
17.5
20
22.5
Number of Contacts
A
B
C
Part Number
CL No.
DF1-11P-2.5DS
DF1-12P-2.5DS
DF1-13P-2.5DS
DF1-14P-2.5DS
DF1-15P-2.5DS
DF1-16P-2.5DS
DF1-18P-2.5DS
DF1-20P-2.5DS
541-0029-9
541-0030-8
541-0031-0
541-0032-3
541-0033-6
541-0034-9
541-0036-4
541-0038-0
11
12
13
14
15
16
18
20
30
32.5
35
37.5
40
42.5
47.5
52.5
26.3
28.8
31.3
33.8
36.3
38.8
43.8
48.8
25
27.5
30
32.5
35
37.5
42.5
47.5
Number of Contacts
A
B
C
qBoard Through-hole Diameter : ø1.1+
0
+0.1
sPin Header Straight Type
Note 1.A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Note 2.The socket applicable to the 18 contacts connector is only crimping type.
Unit: mm
Part Number
CL No.
DF1- 2P-2.5DSA
DF1- 3P-2.5DSA
DF1- 4P-2.5DSA
DF1- 5P-2.5DSA
DF1- 6P-2.5DSA
DF1- 7P-2.5DSA
DF1- 8P-2.5DSA
DF1- 9P-2.5DSA
DF1-10P-2.5DSA
541-0001-0
541-0002-2
541-0003-5
541-0004-8
541-0005-0
541-0006-3
541-0007-6
541-0008-9
541-0009-1
2
3
4
5
6
7
8
9
10
7.5
10
12.5
15
17.5
20
22.5
25
27.5
3.8
6.3
8.8
11.3
13.8
16.3
18.8
21.3
23.8
2.5
5
7.5
10
12.5
15
17.5
20
22.5
Number of Contacts
A
B
C
Part Number
CL No.
DF1-11P-2.5DSA
DF1-12P-2.5DSA
DF1-13P-2.5DSA
DF1-14P-2.5DSA
DF1-15P-2.5DSA
DF1-16P-2.5DSA
DF1-18P-2.5DSA
DF1-20P-2.5DSA
541-0010-0
541-0011-3
541-0012-6
541-0013-9
541-0014-1
541-0015-4
541-0017-0
541-0019-5
11
12
13
14
15
16
18
20
30
32.5
35
37.5
40
42.5
47.5
52.5
26.3
28.8
31.3
33.8
36.3
38.8
43.8
48.8
25
27.5
30
32.5
35
37.5
42.5
47.5
Number of Contacts
A
B
C
qBoard Through-hole Diameter : ø1.1+
0
+0.1


Similar Part No. - DF1-11S-2.5R28

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1-11S-2.5R28 HIROSE-DF1-11S-2.5R28 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
More results

Similar Description - DF1-11S-2.5R28

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
HNC2-2.5P-2DSL HIROSE-HNC2-2.5P-2DSL Datasheet
210Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS Datasheet
398Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS_1 Datasheet
308Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1EC-4P-2.5DSA HIROSE-DF1EC-4P-2.5DSA Datasheet
309Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E HIROSE-DF1E Datasheet
369Kb / 14P
   2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com