Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF11-4DEP-2C Datasheet(PDF) 1 Page - Hirose Electric

Part # DF11-4DEP-2C
Description  2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF11-4DEP-2C Datasheet(HTML) 1 Page - Hirose Electric

  DF11-4DEP-2C Datasheet HTML 1Page - Hirose Electric DF11-4DEP-2C Datasheet HTML 2Page - Hirose Electric DF11-4DEP-2C Datasheet HTML 3Page - Hirose Electric DF11-4DEP-2C Datasheet HTML 4Page - Hirose Electric DF11-4DEP-2C Datasheet HTML 5Page - Hirose Electric DF11-4DEP-2C Datasheet HTML 6Page - Hirose Electric DF11-4DEP-2C Datasheet HTML 7Page - Hirose Electric DF11-4DEP-2C Datasheet HTML 8Page - Hirose Electric DF11-4DEP-2C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
A266
2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11 Series
sFeatures
1. Space-saving on Board Realized
Double rows of 2mm pitch contact has been condensed
within the 5mm width.
The multiple number of signals can be secured in the same
space as the conventional 2mm single-row contact.
2. Broad Variation
The insulation displacement and crimping methods are
prepared for connection. Thus, board to cable, in-line,
board to board connectors are provided in order to widen a
board design variation.
In addition, "Gold" or "Tin" can be selected for the plating
according application, while the SMT products line up.
3. Applicable Wire Covers Wide Range
According to the double rows of 2mm pitch compact
design, the applicable wire can cover AWG22 to 30.
4. The ID Type Connector Achieves Connection
Work.
Using the full automatic insulation displacement machine,
the complicated multi-harness can be easily connected,
reducing the man-hour and eliminating the manual work
process.
sApplications
Business equipments such as copy machine, printer and so on.
Rib to prevent
mis-insertion
Simple lock
Rib to prevent contact
mis-insertion as well as
disimilar contact mis-insertion
4 wall box style
5mm


Similar Part No. - DF11-4DEP-2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF11-4DEP-2C ETC2-DF11-4DEP-2C Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
More results

Similar Description - DF11-4DEP-2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF11-2428SCFA ETC2-DF11-2428SCFA Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
DF11-30DS-2DSA06 HIROSE-DF11-30DS-2DSA06 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11 HIROSE-DF11 Datasheet
551Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26_1 Datasheet
450Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-8DP-2DS52 HIROSE-DF11-8DP-2DS52 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-16DP-2DSA01 HIROSE-DF11-16DP-2DSA01 Datasheet
547Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
MDF6-4DS-3.5C HIROSE-MDF6-4DS-3.5C Datasheet
201Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
MDF6 HIROSE-MDF6 Datasheet
178Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
DF2-2P-2.5C HIROSE-DF2-2P-2.5C Datasheet
140Kb / 4P
   2.5mm Pitch Connector Directly Mounted on Board (Product Compliant to UL/CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com