Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQG18HH2N7S00B Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQG18HH2N7S00B
Description  Inductance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQG18HH2N7S00B Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQG18HH2N7S00B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQG18HH2N7S00B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LQG18HH2N7S00#
# indicates a package specification code.
< List of part numbers with package codes >
LQG18HH2N7S00D , LQG18HH2N7S00J , LQG18HH2N7S00B
Shape
L size
1.6 ±0.15mm
W size
0.8 ±0.15mm
T size
0.8 ±0.15mm
Size code in inch (mm)
0603 (1608)
Specifications
Inductance
2.7nH ±0.3nH
Inductance test frequency
100MHz
Rated current (Itemp) (Based on Temperature rise)
1000mA
Max. of DC resistance
0.13Ω
Q (min.)
12
Q test frequency
100MHz
Self resonance frequency (min.)
4000MHz
Operating temperature range (Self-temperature rise is not included)
-55∼125℃
References
Packaging
code
Specifications
Minimum quantity
φ180mm Paper taping
4000
φ330mm Paper taping
10000
Packing in bulk
1000
Mass (Typ.)
1 piece
0.003g
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2016/04/21


Similar Part No. - LQG18HH2N7S00B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQG18HH2N2S00 MURATA-LQG18HH2N2S00 Datasheet
68Kb / 2P
   Inductance
LQG18HH2N2S00B MURATA-LQG18HH2N2S00B Datasheet
68Kb / 2P
   Inductance
LQG18HH2N2S00D MURATA-LQG18HH2N2S00D Datasheet
68Kb / 2P
   Inductance
LQG18HH2N2S00J MURATA-LQG18HH2N2S00J Datasheet
68Kb / 2P
   Inductance
More results

Similar Description - LQG18HH2N7S00B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP02TN27NJ02 MURATA-LQP02TN27NJ02 Datasheet
68Kb / 2P
   Inductance
LQP02TN1N8B02 MURATA-LQP02TN1N8B02 Datasheet
68Kb / 2P
   Inductance
LQP03TG27NJ02 MURATA-LQP03TG27NJ02 Datasheet
72Kb / 2P
   Inductance
LQP03TG22NH02 MURATA-LQP03TG22NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG15NH02 MURATA-LQP03TG15NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG2N1B02 MURATA-LQP03TG2N1B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG1N0B02 MURATA-LQP03TG1N0B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N7B02 MURATA-LQP03TG0N7B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N5B02 MURATA-LQP03TG0N5B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4C02 MURATA-LQP03TG0N4C02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4B02 MURATA-LQP03TG0N4B02 Datasheet
72Kb / 2P
   Inductance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com