Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF7-1DS-3.96DSA Datasheet(PDF) 6 Page - Hirose Electric

Part # DF7-1DS-3.96DSA
Description  3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF7-1DS-3.96DSA Datasheet(HTML) 6 Page - Hirose Electric

Back Button DF7-1DS-3.96DSA Datasheet HTML 2Page - Hirose Electric DF7-1DS-3.96DSA Datasheet HTML 3Page - Hirose Electric DF7-1DS-3.96DSA Datasheet HTML 4Page - Hirose Electric DF7-1DS-3.96DSA Datasheet HTML 5Page - Hirose Electric DF7-1DS-3.96DSA Datasheet HTML 6Page - Hirose Electric DF7-1DS-3.96DSA Datasheet HTML 7Page - Hirose Electric DF7-1DS-3.96DSA Datasheet HTML 8Page - Hirose Electric DF7-1DS-3.96DSA Datasheet HTML 9Page - Hirose Electric DF7-1DS-3.96DSA Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
s In-line plug (Panel lock type)
B Panel Cutout
2.0
1.6
1.2
0.8
X
1.44
0.96
0.48
0
Y
0.88
0.96
1.44
1.92
10±0.2
(C-Y)
+0.1
0
(A+0.4)
+0.1
0
(11.32+X)
+0.1
0
6.84
+0.1
0
Shown with terminated
and installed contacts.
2 to 10 Pos.
Shown with terminated
and installed contacts.
Note1: Bag packaging (100 pieces/bag). Order by number of bags.
Note2: Refer to page 10 for retainer.
CL No.
CL680-0134-4
CL680-0018-3
CL680-0019-6
CL680-0020-5
CL680-0021-8
CL680-0022-0
CL680-0023-3
CL680-0024-6
CL680-0025-9
CL680-0026-1
DF7- 1EP-3.96C
DF7- 2EP-3.96C
DF7- 3EP-3.96C
DF7- 4EP-3.96C
DF7- 5EP-3.96C
DF7- 6EP-3.96C
DF7- 7EP-3.96C
DF7- 8EP-3.96C
DF7- 9EP-3.96C
DF7-10EP-3.96C
2
1
3
13.96
17.40
21.36
25.32
29.28
33.24
37.20
41.16
45.12
49.08
Part Number
Number of contacts
A
C
4
5
6
7
8
9
10
6.44
10.40
14.36
18.32
22.28
26.24
30.20
34.16
38.12
42.08
B
-------------
3.96
7.92
11.88
15.84
19.80
23.76
27.72
31.68
35.64
6.44
12.44
13.96
No. of contacts indicator
Cavity No.
1
A
A
1
6.44
12.44
Contact No.1
indicator
No. of contacts
indicator
Cavity No.
A
3
3
B
P=3.96
C
9.5
B
10
1 Pos.
2 to 10 Pos.
1 Pos.
2 to 10 Pos.
1 Pos.


Similar Part No. - DF7-1DS-3.96DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF7-10DP-3.96DS HIROSE-DF7-10DP-3.96DS Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF7-10DP-3.96DSA HIROSE-DF7-10DP-3.96DSA Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF7-10DS-3.96C HIROSE-DF7-10DS-3.96C Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF7-10EP-3.96C HIROSE-DF7-10EP-3.96C Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF7-10P-3.96DS HIROSE-DF7-10P-3.96DS Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
More results

Similar Description - DF7-1DS-3.96DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
logo
List of Unclassifed Man...
CBS1002415 ETC2-CBS1002415 Datasheet
119Kb / 3P
   UL60950, C-UL (CSA60950) recognized, TUV approved
logo
SUN HOLD ELECTRIC INC
RAS-0310AL1 SUNHOLD-RAS-0310AL1 Datasheet
1Mb / 4P
   UL,CUL & TUV safety approval.
logo
Hirose Electric
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
   1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
logo
Tyco Electronics
C-1986165 MACOM-C-1986165 Datasheet
81Kb / 1P
   SOLAR CABLE, UL-LISTED, 12AWG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com