Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C5545AZQW10R Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS320C5545AZQW10R
Description  Fixed-Point Digital Signal Processor
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C5545AZQW10R Datasheet(HTML) 4 Page - Texas Instruments

  TMS320C5545AZQW10R Datasheet HTML 1Page - Texas Instruments TMS320C5545AZQW10R Datasheet HTML 2Page - Texas Instruments TMS320C5545AZQW10R Datasheet HTML 3Page - Texas Instruments TMS320C5545AZQW10R Datasheet HTML 4Page - Texas Instruments TMS320C5545AZQW10R Datasheet HTML 5Page - Texas Instruments TMS320C5545AZQW10R Datasheet HTML 6Page - Texas Instruments TMS320C5545AZQW10R Datasheet HTML 7Page - Texas Instruments TMS320C5545AZQW10R Datasheet HTML 8Page - Texas Instruments TMS320C5545AZQW10R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 128 page
background image
PLL/Clock
Generator
Power
Management
Pin
Multiplexing
JTAG Interface
64KB DARAM
128KB ROM
Switched Central Resource (SCR)
Input
Clocks
C55x DSP CPU
DSP System
Peripherals
I S
(x4)
2
I C
2
SPI
UART
Serial Interfaces
DMA
(x4)
Interconnect
Program/Data
Storage
eMMC/SD
SDHC
(x2)
256KB SARAM
FFT Hardware
Accelerator
USB 2.0
PHY (HS)
[DEVICE]
Connectivity
10-Bit
SAR
ADC
Application
Specific
LCD
Bridge
Display
GP Timer
(x2)
RTC
GP Timer
or WD
System
USB_LDO
DSP_LDO
ANA_LDO
4
TMS320C5545
SPRS853C – JULY 2013 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320C5545
Device Overview
Copyright © 2013–2016, Texas Instruments Incorporated
1.4
Functional Block Diagram
Figure 1-1 shows the functional block diagram of the devices.
Figure 1-1. Functional Block Diagram


Similar Part No. - TMS320C5545AZQW10R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5502 TI-TMS320C5502 Datasheet
135Kb / 3P
[Old version datasheet]   TMS320C5502/C5509A eZdsp??Development Tools
TMS320C5502ZAVR300 TI1-TMS320C5502ZAVR300 Datasheet
1Mb / 195P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C5504 TI-TMS320C5504 Datasheet
976Kb / 128P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
TMS320C5504 TI-TMS320C5504 Datasheet
719Kb / 143P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
TMS320C5504AZCH10 TI-TMS320C5504AZCH10 Datasheet
976Kb / 128P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C5545AZQW10R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com