Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C5545AZQW10R Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320C5545AZQW10R
Description  Fixed-Point Digital Signal Processor
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C5545AZQW10R Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320C5545AZQW10R Datasheet HTML 5Page - Texas Instruments TMS320C5545AZQW10R Datasheet HTML 6Page - Texas Instruments TMS320C5545AZQW10R Datasheet HTML 7Page - Texas Instruments TMS320C5545AZQW10R Datasheet HTML 8Page - Texas Instruments TMS320C5545AZQW10R Datasheet HTML 9Page - Texas Instruments TMS320C5545AZQW10R Datasheet HTML 10Page - Texas Instruments TMS320C5545AZQW10R Datasheet HTML 11Page - Texas Instruments TMS320C5545AZQW10R Datasheet HTML 12Page - Texas Instruments TMS320C5545AZQW10R Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 128 page
background image
LCD_CS0_E0/
SPI_CS0
LCD_RS/
SPI_CS3
LCD_D[0]/
SPI_RX
1
2
3
4
5
6
7
8
9
10
11
12
LCD_EN_
RDB/
SPI_CLK
EMU1
TCK
TDO
LCD_D[3]/
GP[13]
LCD_D[4]/
GP[14]
LCD_D[5]/
GP[15]
A
B
C
D
E
F
G
DVDDIO
SD1_D1/
I2S1_RX/
GP[9]
LCD_D[8]/
I2S2_CLK/
GP[18]/
SPI_CLK
LCD_D[9]/
I2S2_FS/
GP[19]/
SPI_CS0
LCD_D[14]/
UART_RXD/
GP[30]/
I2S3_RX
LCD_D[13]/
UART_CTS/
GP[29]/
I2S3_FS
H
J
K
L
M
USB_VDD1P3
SDA
RTC_XO
CLKIN
RSV3
USB_VDDPLL
USB_DM
USB_VSSOSC
RSV17
CLKOUT
LCD_D[12]/
UART_RTS/
GP[28]/
I2S3_CLK
SD0_D1/
I2S0_RX/
GP[3]
TRST
LCD_D[2]/
GP[12]
LCD_D[11]/
I2S2_DX/
GP[27]/
SPI_TX
LCD_D[15]/
UART_TXD/
GP[31]/
I2S3_DX
SD0_CMD/
I2S0_FS/
GP[1]
LCD_RW_
WRB/
SPI_CS2
VSS
SD1_D0/
I2S1_DX/
GP[8]
TMS
LCD_D[6]/
GP[16]
SD1_CMD/
I2S1_FS/
GP[7]
VSS
SD0_D3/
GP[5]
SD1_D2/
GP[10]
EMU0
SD0_D2/
GP[4]
TDI
LDOI
DSP_LDOO
GPAIN3
SD0_D0/
I2S0_DX/
GP[2]
DVDDRTC
CVDDRTC
CLK_SEL
INT1
VSS
SCL
INT0
LCD_D[1]/
SPI_TX
LCD_D[7]/
GP[17]
USB_LDOO
DSP_LDO_EN
LDOI
RSV0
A
B
C
D
E
F
G
H
J
K
L
M
1
2
3
4
5
6
7
8
9
10
11
12
VSS
VSS
VSS
VSS
CVDD
VSS
RESET
VSS
CVDD
VSS
VSS
CVDD
VSS
DVDDIO
VSS
CVDD
VSS
DVDDIO
SD0_CLK/
I2S0_CLK/
GP[0]
CVDD
VSSA_PLL
VDDA_PLL
LCD_D[10]/
I2S2_RX/
GP[20]/
SPI_RX
VSS
GPAIN1
GPAIN2
RTC_XI
SD1_D3/
GP[11]
VSS
CVDD
VSS
LDOI
VDDA_ANA
VSSRTC
SD1_CLK/
I2S1_CLK/
GP[6]
USB_VSS1P3 USB_VSSA3P3 USB_VSSREF
RSV4
ANA_LDOO
VSSA_ANA
CVDD
RSV5
BG_CAP
USB_VBUS USB_V
DDA1P3
USB_R1
USB_VDDOSC USB_MXO
VSSA_ANA
USB_DP
USB_VDDA3P3 USB_VSSPLL
USB_MXI
DVDDIO
USB_VDD1P3
9
TMS320C5545
www.ti.com
SPRS853C – JULY 2013 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TMS320C5545
Terminal Configuration and Functions
Copyright © 2013–2016, Texas Instruments Incorporated
4
Terminal Configuration and Functions
4.1
Pin Diagram
Extensive pin multiplexing is used to accommodate the largest number of peripheral functions in the
smallest possible package. Pin multiplexing is controlled using software-programmable register settings.
For more information on pin muxing, see Section 6.7, Multiplexed Pin Configurations.
Figure 4-1 shows the bottom view of the package pin assignments.
Figure 4-1. Pin Diagram (Bottom View)


Similar Part No. - TMS320C5545AZQW10R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5502 TI-TMS320C5502 Datasheet
135Kb / 3P
[Old version datasheet]   TMS320C5502/C5509A eZdsp??Development Tools
TMS320C5502ZAVR300 TI1-TMS320C5502ZAVR300 Datasheet
1Mb / 195P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C5504 TI-TMS320C5504 Datasheet
976Kb / 128P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
TMS320C5504 TI-TMS320C5504 Datasheet
719Kb / 143P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
TMS320C5504AZCH10 TI-TMS320C5504AZCH10 Datasheet
976Kb / 128P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C5545AZQW10R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com