Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6655 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320C6655
Description  Fixed and Floating-Point Digital Signal Processor
Download  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6655 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320C6655_15 Datasheet HTML 1Page - Texas Instruments TMS320C6655_15 Datasheet HTML 2Page - Texas Instruments TMS320C6655_15 Datasheet HTML 3Page - Texas Instruments TMS320C6655_15 Datasheet HTML 4Page - Texas Instruments TMS320C6655_15 Datasheet HTML 5Page - Texas Instruments TMS320C6655_15 Datasheet HTML 6Page - Texas Instruments TMS320C6655_15 Datasheet HTML 7Page - Texas Instruments TMS320C6655_15 Datasheet HTML 8Page - Texas Instruments TMS320C6655_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 245 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMS320C6655, TMS320C6657
SPRS814B – MARCH 2012 – REVISED APRIL 2015
TMS320C6655 and TMS320C6657 Fixed and Floating-Point Digital Signal Processor
1
C665x Features and Description
1.1
Features
1
– HyperLink
• One (C6655) or Two (C6657) TMS320C66x™
DSP Core Subsystems (CorePacs), Each With
Supports Connections to Other KeyStone
Architecture Devices Providing Resource
– 850 MHz (C6657 only), 1.0 GHz, or 1.25 GHz
Scalability
C66x Fixed/Floating-Point CPU Core
Supports up to 40 Gbaud
40 GMAC/Core for Fixed Point @ 1.25 GHz
– Gigabit Ethernet (GbE) Subsystem
20 GFLOP/Core for Floating Point @ 1.25
GHz
One SGMII Port
• Multicore Shared Memory Controller (MSMC)
Supports 10/100/1000 Mbps Operation
– 1024KB MSM SRAM Memory
– 32-Bit DDR3 Interface
(Shared by Two DSP C66x CorePacs for
DDR3-1333
C6657)
8G Byte Addressable Memory Space
– Memory Protection Unit for Both MSM SRAM
– 16-Bit EMIF
and DDR3_EMIF
– Universal Parallel Port
• Multicore Navigator
Two Channels of 8 bits or 16 bits Each
– 8192 Multipurpose Hardware Queues with
Supports SDR and DDR Transfers
Queue Manager
– Two UART Interfaces
– Packet-Based DMA for Zero-Overhead
– Two Multichannel Buffered Serial Ports
Transfers
(McBSP)
• Hardware Accelerators
– I2C Interface
– Two Viterbi Coprocessors
– 32 GPIO Pins
– One Turbo Coprocessor Decoder
– SPI Interface
• Peripherals
– Semaphore Module
– Four Lanes of SRIO 2.1
– Eight 64-Bit Timers
1.24/2.5/3.125/5 GBaud Operation
– Two On-Chip PLLs
Supported Per Lane
• Commercial Temperature:
Supports Direct I/O, Message Passing
– 0°C to 85°C
Supports Four 1×, Two 2×, One 4×, and Two
• Extended Temperature:
1× + One 2× Link Configurations
– - 40°C to 100°C
– PCIe Gen2
• Extended Low Temperature:
Single Port Supporting 1 or 2 Lanes
– - 55°C to 100°C
Supports Up To 5 GBaud Per Lane
1.2
KeyStone Architecture
TI’s KeyStone Multicore Architecture provides a high performance structure for integrating RISC and DSP
cores with application specific coprocessors and I/O. KeyStone is the first of its kind that provides
adequate internal bandwidth for nonblocking access to all processing cores, peripherals, coprocessors,
and I/O. This is achieved with four main hardware elements: Multicore Navigator, TeraNet, Multicore
Shared Memory Controller, and HyperLink.
Multicore Navigator is an innovative packet-based manager that controls 8192 queues. When tasks are
allocated to the queues, Multicore Navigator provides hardware-accelerated dispatch that directs tasks to
the appropriate available hardware. The packet-based system on a chip (SoC) uses the two Tbps capacity
of the TeraNet switched central resource to move packets. The Multicore Shared Memory Controller
enables processing cores to access shared memory directly without drawing from TeraNet’s capacity, so
packet movement cannot be blocked by memory access.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMS320C6655_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6655CZH TI1-TMS320C6655CZH Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6655CZH25 TI1-TMS320C6655CZH25 Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6655CZHA TI1-TMS320C6655CZHA Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6655CZHA25 TI1-TMS320C6655CZHA25 Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6655GZHA TI1-TMS320C6655GZHA Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
More results

Similar Description - TMS320C6655_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6743 TI1-TMS320C6743_14 Datasheet
1Mb / 151P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671 Datasheet
2Mb / 241P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6745 TI1-TMS320C6745_16 Datasheet
1Mb / 227P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6655 TI1-TMS320C6655 Datasheet
2Mb / 232P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI-TMS320C6671_15 Datasheet
1Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671_16 Datasheet
2Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6657CZH TI1-TMS320C6657CZH Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6654 TI1-TMS320C6654_15 Datasheet
1Mb / 235P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6654 TI1-TMS320C6654 Datasheet
2Mb / 222P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678 Datasheet
2Mb / 259P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com