Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C5532AZHHA10 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320C5532AZHHA10
Description  Fixed-Point Digital Signal Processors
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C5532AZHHA10 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320C5532AZHHA10 Datasheet HTML 7Page - Texas Instruments TMS320C5532AZHHA10 Datasheet HTML 8Page - Texas Instruments TMS320C5532AZHHA10 Datasheet HTML 9Page - Texas Instruments TMS320C5532AZHHA10 Datasheet HTML 10Page - Texas Instruments TMS320C5532AZHHA10 Datasheet HTML 11Page - Texas Instruments TMS320C5532AZHHA10 Datasheet HTML 12Page - Texas Instruments TMS320C5532AZHHA10 Datasheet HTML 13Page - Texas Instruments TMS320C5532AZHHA10 Datasheet HTML 14Page - Texas Instruments TMS320C5532AZHHA10 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 156 page
background image
TMS320C5535, TMS320C5534, TMS320C5533, TMS320C5532
www.ti.com
SPRS737C – AUGUST 2011 – REVISED APRIL 2014
Table 3-4. Characteristics of the C5533 Processor
HARDWARE FEATURES
TMS320C5533A05, C5533A10
Peripherals
Not all peripheral pins are
Four DMA controllers each with four channels,
DMA
available at the same time
for a total of 16 channels
(for more detail, see
Section 5).
2 32-Bit General-Purpose (GP) Timers
Timers
1 Additional Timer Configurable as a 32-Bit GP Timer or a
Watchdog
UART
1 (with RTS and CTS flow control)
SPI
1 with 4 chip selects
I2C
1 (Master or Slave)
I2S
4 (Two Channel, Full Duplex Communication)
USB 2.0 (Device only)
High- and Full-Speed Device
2 SD, 256-byte read and write buffer, max 50-MHz clock and
SD
signaling for DMA transfers
Real-Time Clock (RTC)
1 (Crystal Input, Separate Clock Domain and Power Supply)
General-Purpose Input/Output Port (GPIO)
Up to 20 pins (with 1 Additional General-Purpose Output (XF))
Size (Bytes)
128 KB RAM, 128KB ROM
64 KB On-Chip Dual-Access RAM (DARAM)
On-Chip Memory
Organization
64 KB On-Chip Single-Access RAM (SARAM)
128 KB On-Chip Single-Access ROM (SAROM)
JTAGID Register
JTAG BSDL_ID
see Figure 6-5
(Value is: 0x1B8F E02F)
1.05-V Core
50 MHz
CPU Frequency
MHz
1.3-V Core
100 MHz (TMS320C5533A10 only)
1.05-V Core
20 ns
Cycle Time
ns
1.3-V Core
10 ns (TMS320C5533A10 only)
1.05 V – 50 MHz
Core (V)
Voltage
1.3 V – 100 MHz (TMS320C5533A10 only)
I/O (V)
1.8 V, 2.5 V, 2.75 V, 3.3 V
1.3 V, 4 mA max current to supply power to PLL (VDDA_PLL)
LDOs
ANA_LDO
and power management circuits (VDDA_ANA)
1.3 V, 25 mA max current to supply power to USB core digital
USB_LDO
(USB_VDD1P3) and PHY circuits (USB_VDDA1P3)
Active @ Room Temp 25°C, 75% DMAC +
0.15 mW/MHz @ 1.05 V, 50 MHz
Power Characterization
25% ADD
0.22 mW/MHz @ 1.3 V, 100 MHz
Active @ Room Temp 25°C, 75% DMAC +
0.14 mW/MHz @ 1.05 V, 50 MHz
25% NOP
0.22 mW/MHz @ 1.3 V, 100 MHz
Standby (Master Clock Disabled) @ Room
0.26 mW @ 1.05 V
Temp 25°C (DARAM and SARAM in Active
0.44 mW @ 1.3 V
Mode)
Standby (Master Clock Disabled) @ Room
0.23 mW @ 1.05 V
Temp 25°C (DARAM in Retention and
0.40 mW @ 1.3 V
SARAM in Active Mode)
Standby (Master Clock Disabled) @ Room
0.15 mW @ 1.05 V
Temp 25°C (DARAM in Active Mode and
0.28 mW @ 1.3 V
SARAM in Retention)
PLL Options
Software Programmable Multiplier
x4 to x4099 multiplier
BGA Package
12 x 12 mm
144-Pin BGA (ZHH)
Product Preview (PP),
Product Status(1)
Advance Information (AI),
PD
or Production Data (PD)
(1)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
Copyright © 2011–2014, Texas Instruments Incorporated
Device Comparison
11
Submit Documentation Feedback
Product Folder Links: TMS320C5535 TMS320C5534 TMS320C5533 TMS320C5532


Similar Part No. - TMS320C5532AZHHA10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5532AZHHA10 TI1-TMS320C5532AZHHA10 Datasheet
1Mb / 155P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C5532AZHHA10 TI1-TMS320C5532AZHHA10 Datasheet
1Mb / 156P
[Old version datasheet]   TMS320C5535, C5534, C5533,C5532 FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C5532AZHHA10 TI1-TMS320C5532AZHHA10 Datasheet
1Mb / 157P
[Old version datasheet]   TMS320C5535, C5534, C5533, C5532 Fixed-Point Digital Signal Processors
More results

Similar Description - TMS320C5532AZHHA10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com