Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4378BZDND80 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AM4378BZDND80
Description  Sitara Processors
Download  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM4378BZDND80 Datasheet(HTML) 3 Page - Texas Instruments

  AM4378BZDND80 Datasheet HTML 1Page - Texas Instruments AM4378BZDND80 Datasheet HTML 2Page - Texas Instruments AM4378BZDND80 Datasheet HTML 3Page - Texas Instruments AM4378BZDND80 Datasheet HTML 4Page - Texas Instruments AM4378BZDND80 Datasheet HTML 5Page - Texas Instruments AM4378BZDND80 Datasheet HTML 6Page - Texas Instruments AM4378BZDND80 Datasheet HTML 7Page - Texas Instruments AM4378BZDND80 Datasheet HTML 8Page - Texas Instruments AM4378BZDND80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 266 page
background image
3
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851C – JUNE 2014 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379
Device Overview
Copyright © 2014–2016, Texas Instruments Incorporated
McSPI3 and McSPI4 Support up to Two
Chip Selects
Up to 48 MHz
– One Quad-SPI
Supports eXecute In Place (XIP) from Serial
NOR FLASH
– One Dallas 1-Wire® and HDQ Serial Interface
– Up to Three MMC, SD, and SDIO Ports
1-, 4-, and 8-Bit MMC, SD, and SDIO Modes
1.8- or 3.3-V Operation on All Ports
Up to 48-MHz Clock
Supports Card Detect and Write Protect
Complies With MMC4.3 and SD and SDIO
2.0 Specifications
– Up to Three I2C Master and Slave Interfaces
Standard Mode (up to 100 kHz)
Fast Mode (up to 400 kHz)
– Up to Six Banks of General-Purpose I/O (GPIO)
32 GPIOs per Bank (Multiplexed With Other
Functional Pins)
GPIOs Can be Used as Interrupt Inputs (up
to Two Interrupt Inputs per Bank)
– Up to Three External DMA Event Inputs That
Can Also be Used as Interrupt Inputs
– Twelve 32-Bit General-Purpose Timers
DMTIMER1 is a 1-ms Timer Used for
Operating System (OS) Ticks
DMTIMER4–DMTIMER7 are Pinned Out
– One Public Watchdog Timer
– One Free-Running, High-Resolution 32-kHz
Counter (synctimer32K)
– One Secure Watchdog Timer (Avaliable Only on
AM437xHS Devices)
– SGX530 3D Graphics Engine
Tile-Based Architecture Delivering up to 20M
Poly/sec
Universal Scalable Shader Engine is a
Multithreaded Engine Incorporating Pixel and
Vertex Shader Functionality
Advanced Shader Feature Set in Excess of
Microsoft VS3.0, PS3.0, and OGL2.0
Industry Standard API Support of Direct3D
Mobile, OGL-ES 1.1 and 2.0, and OpenVG
1.0
Fine-Grained Task Switching, Load
Balancing, and Power Management
Advanced Geometry DMA-Driven Operation
for Minimum CPU Interaction
Programmable High-Quality Image Anti-
Aliasing
Fully Virtualized Memory Addressing for OS
Operation in a Unified Memory Architecture
– Display Subsystem
Display Modes
Programmable Pixel Memory Formats
(Palletized: 1-, 2-, 4-, and 8-Bits Per
Pixel; RGB 16- and 24-Bits Per Pixel; and
YUV 4:2:2)
256- × 24-Bit Entries Palette in RGB
Up to 2048 × 2048 Resolution
Display Support
Four Types of Displays Are Supported:
Passive and Active Colors; Passive and
Active Monochromes
4- and 8-Bit Monochrome Passive Panel
Interface Support (15 Grayscale Levels
Supported Using Dithering Block)
RGB 8-Bit Color Passive Panel Interface
Support (3,375 Colors Supported for
Color Panel Using Dithering Block)
RGB 12-, 16-, 18-, and 24-Bit Active
Panel Interface Support (Replicated or
Dithered Encoded Pixel Values)
Remote Frame Buffer (Embedded in the
LCD Panel) Support Through the RFBI
Module
Partial Refresh of the Remote Frame
Buffer Through the RFBI Module
Partial Display
Multiple Cycles Output Format on 8-, 9-,
12-, and 16-Bit Interface (TDM)
Signal Processing
Overlay and Windowing Support for One
Graphics Layer (RGB or CLUT) and Two
Video Layers (YUV 4:2:2, RGB16, and
RGB24)
RGB 24-Bit Support on the Display
Interface, Optionally Dithered to RGB
18
‑Bit Pixel Output Plus 6-Bit Frame Rate
Control (Spatial and Temporal)
Transparency Color Key (Source and
Destination)
Synchronized Buffer Update
Gamma Curve Support
Multiple-Buffer Support
Cropping Support
Color Phase Rotation
– Two 12-Bit SAR ADCs (ADC0, ADC1)
867K Samples Per Second
Input Can Be Selected from Any of the Eight
Analog Inputs Multiplexed Through an 8:1
Analog Switch
ADC0 Can Be Configured to Operate as a
4
‑, 5-, or 8-Wire Resistive Touch Screen
Controller (TSC)
– Up to Three 32-Bit eCAP Modules
Configurable as Three Capture Inputs or
Three Auxiliary PWM Outputs
– Up to Six Enhanced eHRPWM Modules


Similar Part No. - AM4378BZDND80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM4378BZDND80 TI1-AM4378BZDND80 Datasheet
2Mb / 266P
[Old version datasheet]   AM437x Sitara Processors
More results

Similar Description - AM4378BZDND80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
AM6548 TI1-AM6548 Datasheet
3Mb / 299P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com