Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH23-17S-0.3SHW Datasheet(PDF) 10 Page - Hirose Electric

Part # FH23-17S-0.3SHW
Description  0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH23-17S-0.3SHW Datasheet(HTML) 10 Page - Hirose Electric

Back Button FH23-17S-0.3SHW Datasheet HTML 2Page - Hirose Electric FH23-17S-0.3SHW Datasheet HTML 3Page - Hirose Electric FH23-17S-0.3SHW Datasheet HTML 4Page - Hirose Electric FH23-17S-0.3SHW Datasheet HTML 5Page - Hirose Electric FH23-17S-0.3SHW Datasheet HTML 6Page - Hirose Electric FH23-17S-0.3SHW Datasheet HTML 7Page - Hirose Electric FH23-17S-0.3SHW Datasheet HTML 8Page - Hirose Electric FH23-17S-0.3SHW Datasheet HTML 9Page - Hirose Electric FH23-17S-0.3SHW Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
BConnector Operating Instructions, precautions and recommendations
2) The connector will assure reliable performance
when the actuator is open to 90° maximum (see
fig.1) Do not exceed this angle, as this may cause
permanent damage to the connector.
3) Assure that the FPC is fully inserted parallel to
mounting surface, with the exposed conductive
traces facing down.
1) Do not apply excessive force or use any type of
tool to operate the actuator.
90ç
Operation
Precautions
FPC conductor surface
1.FPC Termination procedure. Connector
installed on the board.
1) Lift up the actuator. Use thumb or index finger.
2) Rotate down the actuator until firmly closed.
NOTE: The FPC must be fully inserted in the con-
nector. If not fully inserted, the actuator will not
close properly. Should this be the case, lift up the
actuator (per Step 2 below) and repeat the process
(starting with Step 1 above)
3) For connectors with multiple contacts, such as 39
and 61 pos. rotate down the actuator pushing at
both ends.
2.FPC Removal
1) Lift up the actuator.
2) Carefully remove the FPC.


Similar Part No. - FH23-17S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH23-17S-0.3SHW HIROSE-FH23-17S-0.3SHW Datasheet
308Kb / 11P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
More results

Similar Description - FH23-17S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH23 HIROSE-FH23 Datasheet
308Kb / 11P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com