Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6655GZHA Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6655GZHA
Description  Fixed and Floating-Point Digital Signal Processor
Download  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6655GZHA Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320C6655GZHA Datasheet HTML 3Page - Texas Instruments TMS320C6655GZHA Datasheet HTML 4Page - Texas Instruments TMS320C6655GZHA Datasheet HTML 5Page - Texas Instruments TMS320C6655GZHA Datasheet HTML 6Page - Texas Instruments TMS320C6655GZHA Datasheet HTML 7Page - Texas Instruments TMS320C6655GZHA Datasheet HTML 8Page - Texas Instruments TMS320C6655GZHA Datasheet HTML 9Page - Texas Instruments TMS320C6655GZHA Datasheet HTML 10Page - Texas Instruments TMS320C6655GZHA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 245 page
background image
TMS320C6655, TMS320C6657
www.ti.com
SPRS814B – MARCH 2012 – REVISED APRIL 2015
3.2
DSP Core Description
The C66x Digital Signal Processor (DSP) extends the performance of the C64x+ and C674x DSPs
through enhancements and new features. Many of the new features target increased performance for
vector processing. The C64x+ and C674x DSPs support 2-way SIMD operations for 16-bit data and 4-way
SIMD operations for 8-bit data. On the C66x DSP, the vector processing capability is improved by
extending the width of the SIMD instructions. C66x DSPs can execute instructions that operate on 128-bit
vectors. For example the QMPY32 instruction is able to perform the element-to-element multiplication
between two vectors of four 32-bit data each. The C66x DSP also supports SIMD for floating-point
operations. Improved vector processing capability (each instruction can process multiple data in parallel)
combined with the natural instruction level parallelism of C6000 architecture (e.g execution of up to 8
instructions per cycle) results in a very high level of parallelism that can be exploited by DSP programmers
through the use of TI's optimized C/C++ compiler.
The C66x DSP consists of eight functional units, two register files, and two data paths as shown in
Figure 3-1. The two general-purpose register files (A and B) each contain 32 32-bit registers for a total of
64 registers. The general-purpose registers can be used for data or can be data address pointers. The
data types supported include packed 8-bit data, packed 16-bit data, 32-bit data, 40-bit data, and 64-bit
data. Multiplies also support 128-bit data. 40-bit-long or 64-bit-long values are stored in register pairs, with
the 32 LSBs of data placed in an even register and the remaining 8 or 32 MSBs in the next upper register
(which is always an odd-numbered register). 128-bit data values are stored in register quadruplets, with
the 32 LSBs of data placed in a register that is a multiple of 4 and the remaining 96 MSBs in the next 3
upper registers.
The eight functional units (.M1, .L1, .D1, .S1, .M2, .L2, .D2, and .S2) are each capable of executing one
instruction every clock cycle. The .M functional units perform all multiply operations. The .S and .L units
perform a general set of arithmetic, logical, and branch functions. The .D units primarily load data from
memory to the register file and store results from the register file into memory.
Each C66x .M unit can perform one of the following fixed-point operations each clock cycle: four 32 × 32
bit multiplies, sixteen 16 × 16 bit multiplies, four 16 × 32 bit multiplies, four 8 × 8 bit multiplies, four 8 × 8
bit multiplies with add operations, and four 16 × 16 multiplies with add/subtract capabilities. There is also
support for Galois field multiplication for 8-bit and 32-bit data. Many communications algorithms such as
FFTs and modems require complex multiplication. Each C66x .M unit can perform one 16 × 16 bit
complex multiply with or without rounding capabilities, two 16 × 16 bit complex multiplies with rounding
capability, and a 32 × 32 bit complex multiply with rounding capability. The C66x can also perform two 16
× 16 bit and one 32 × 32 bit complex multiply instructions that multiply a complex number with a complex
conjugate of another number with rounding capability. Communication signal processing also requires an
extensive use of matrix operations. Each C66x .M unit is capable of multiplying a [1 × 2] complex vector
by a [2 × 2] complex matrix per cycle with or without rounding capability. A version also exists allowing
multiplication of the conjugate of a [1 × 2] vector with a [2 × 2] complex matrix.
Each C66x .M unit also includes IEEE floating-point multiplication operations from the C674x DSP, which
includes one single-precision multiply each cycle and one double-precision multiply every 4 cycles. There
is also a mixed-precision multiply that allows multiplication of a single-precision value by a double-
precision value and an operation allowing multiplication of two single-precision numbers resulting in a
double-precision number. The C66x DSP improves the performance over the C674x double-precision
multiplies by adding a instruction allowing one double-precision multiply per cycle and also reduces the
number of delay slots from 10 down to 4. Each C66x .M unit can also perform one the following floating-
point operations each clock cycle: one, two, or four single-precision multiplies or a complex single-
precision multiply.
Copyright © 2012–2015, Texas Instruments Incorporated
Device Overview
7
Submit Documentation Feedback


Similar Part No. - TMS320C6655GZHA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6655GZHA TI1-TMS320C6655GZHA Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
More results

Similar Description - TMS320C6655GZHA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6743 TI1-TMS320C6743_14 Datasheet
1Mb / 151P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671 Datasheet
2Mb / 241P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6745 TI1-TMS320C6745_16 Datasheet
1Mb / 227P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6655 TI1-TMS320C6655 Datasheet
2Mb / 232P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI-TMS320C6671_15 Datasheet
1Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671_16 Datasheet
2Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6657CZH TI1-TMS320C6657CZH Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6654 TI1-TMS320C6654_15 Datasheet
1Mb / 235P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6654 TI1-TMS320C6654 Datasheet
2Mb / 222P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678 Datasheet
2Mb / 259P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com