Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6037671 Datasheet(PDF) 3 Page - SICK AG

Part # 6037671
Description  ULTRASONIC SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6037671 Datasheet(HTML) 3 Page - SICK AG

  6037671 Datasheet HTML 1Page - SICK AG 6037671 Datasheet HTML 2Page - SICK AG 6037671 Datasheet HTML 3Page - SICK AG 6037671 Datasheet HTML 4Page - SICK AG 6037671 Datasheet HTML 5Page - SICK AG 6037671 Datasheet HTML 6Page - SICK AG 6037671 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UM30-213115 | UM30
ULTRASONIC SENSORS
Mechanics/electronics
Supply voltage Vs
DC 9 V ... 30 V 1) 2)
Power consumption
≤ 2.4 W 3)
Initialization time
< 300 ms
Design
Cylindrical
Housing material
Nickel-plated brass, PBT
Display: TPU
Ultrasonic transducer: polyurethane foam, glass epoxy resin
Connection type
Male connector, M12, 5-pin
Indication
LED display, 2 x LED
Weight
150 g
Sending axis
Straight
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) 15 V ... 30 V when using the analog voltage output.
3) Without load.
Ambient data
Enclosure rating
IP 67
Protection class
III
Ambient temperature
Operation: –25 °C ... +70 °C
Storage: –40 °C ... +85 °C
Dimensional drawing (Dimensions in mm (inch))
UM30-211, UM30-212, UM30-213
3
3
1
2
84 (3.31)
51 (2.01)
11 (0.43)
5
(0.20)
5
(0.20)
①  Connection
②  Display
③  Mounting nuts, SW 36 mm
Connection type
Male connector M12, 5-pin
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3


Similar Part No. - 6037671

ManufacturerPart #DatasheetDescription
logo
SICK AG
6037670 SICK-6037670 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
6037672 SICK-6037672 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
6037673 SICK-6037673 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
6037674 SICK-6037674 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
6037675 SICK-6037675 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
More results

Similar Description - 6037671

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
UM18-218161102 SICK-UM18-218161102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165101 SICK-UM18-218165101 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165102 SICK-UM18-218165102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com