Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1344571 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1344571
Description  24 AWG stranded (7x32) TC conductors, Datalene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1344571 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1344571 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1344571 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1344571 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8106 060100
30 MT
2.858 KG
CHROME
6 PR #24 FHDPE SH PVC
8106 0601000
305 MT
26.308 KG
CHROME
C
6 PR #24 FHDPE SH PVC
8106 060500
152 MT
13.835 KG
CHROME
C
6 PR #24 FHDPE SH PVC
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 1
Revision Date: 05-14-2007
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 3 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8106 Multi-Conductor - Low Capacitance Computer Cable for EIA RS-232/422


Similar Part No. - 1344571

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
13445 VICOR-13445 Datasheet
33Kb / 1P
   CAPACITOR, ALEL, RADIAL, 270uF, -20, 25V
logo
List of Unclassifed Man...
13445 ETC2-13445 Datasheet
146Kb / 1P
   STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
logo
Vicor Corporation
13445-01 VICOR-13445-01 Datasheet
33Kb / 1P
   CAPACITOR, ALEL, RADIAL, 270uF, -20, 25V
logo
List of Unclassifed Man...
1344514 ETC2-1344514 Datasheet
110Kb / 4P
   24 AWG Solid Bare Copper Conductors, Dual FRPO/FEP Insulation
1344515 ETC2-1344515 Datasheet
96Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
More results

Similar Description - 1344571

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8105 ETC2-8105 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347497 ETC2-1347497 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1748352 ETC2-1748352 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
8103 ETC2-8103 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
29471 ETC2-29471 Datasheet
30Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1344926 ETC2-1344926 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347871 ETC2-1347871 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347816 ETC2-1347816 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1346359 ETC2-1346359 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1351274 ETC2-1351274 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com