Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH26-35S-0.3SHW Datasheet(PDF) 4 Page - Hirose Electric

Part # FH26-35S-0.3SHW
Description  0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH26-35S-0.3SHW Datasheet(HTML) 4 Page - Hirose Electric

  FH26-35S-0.3SHW Datasheet HTML 1Page - Hirose Electric FH26-35S-0.3SHW Datasheet HTML 2Page - Hirose Electric FH26-35S-0.3SHW Datasheet HTML 3Page - Hirose Electric FH26-35S-0.3SHW Datasheet HTML 4Page - Hirose Electric FH26-35S-0.3SHW Datasheet HTML 5Page - Hirose Electric FH26-35S-0.3SHW Datasheet HTML 6Page - Hirose Electric FH26-35S-0.3SHW Datasheet HTML 7Page - Hirose Electric FH26-35S-0.3SHW Datasheet HTML 8Page - Hirose Electric FH26-35S-0.3SHW Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
(0.23:Metal mask)
(0.23:Metal mask)
0.6
±0.05
0.5
±0.05
0.4
±0.05
(0.3:Metal mask)
0.6
±0.05
0.3
±0.05
0.3
±0.03
Outline of
the connector
B
±0.05
C
±0.05
0.3
±0.05
0.6
±0.07
0.6
±0.07
(0.2)
(0.07)
0.6
±0.02
B
±0.03
0.3
±0.07
H
C
±0.03
F
±0.05
0.3
±0.07
R0.2
MAX
0.3
±0.02
0.2
±0.03
0.3
+0.04
-0.03
0.3
+0.04
-0.03
0.1
±0.02
(0.15)
(0.2)
(Lead plated 0.1 MAX)
BRecommended PCB mounting pattern and metal mask dimensions
BRecommended FPC Dimensions
Detail H
Overlap between covering film layer and stiffener.
1
All dimensions: mm
Part Number
FH26-13S-0.3SHW
FH26-21S-0.3SHW
FH26-23S-0.3SHW
FH26-25S-0.3SHW
FH26-27S-0.3SHW
FH26-33S-0.3SHW
FH26-35S-0.3SHW
FH26-39S-0.3SHW
FH26-41S-0.3SHW
FH26-45S-0.3SHW
FH26-51S-0.3SHW
FH26-57S-0.3SHW
FH26-71S-0.3SHW
CL580-0209-3
CL580-0207-8
CL580-0203-7
CL580-0208-0
CL580-0204-0
CL580-0210-2
CL580-0205-2
CL580-0201-1
CL580-0206-5
CL580-0211-5
CL580-0200-9
CL580-0212-8
CL580-0202-4
13
21
23
25
27
33
35
39
41
45
51
57
71
3.0
5.4
6.0
6.6
7.2
9.0
9.6
10.8
11.4
12.6
14.4
16.2
20.4
3.6
6.0
6.6
7.2
7.8
9.6
10.2
11.4
12.0
13.2
15.0
16.8
21.0
4.2
6.6
7.2
7.8
8.4
10.2
10.8
12.0
12.6
13.8
15.6
17.4
21.6
CL No.
Number of Contacts
B
C
F


Similar Part No. - FH26-35S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH26-35S-0.3SHW HIROSE-FH26-35S-0.3SHW Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-35S-0.3SHW HIROSE-FH26-35S-0.3SHW Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
More results

Similar Description - FH26-35S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH23 HIROSE-FH23 Datasheet
308Kb / 11P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH23-15S-0.3SHW HIROSE-FH23-15S-0.3SHW Datasheet
644Kb / 10P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH33-28S-0.5SH HIROSE-FH33-28S-0.5SH Datasheet
390Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com