Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1345065 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1345065
Description  18 AWG stranded (19x30) TC conductors, polypropylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1345065 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1345065 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1345065 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1345065 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UL Temperature Rating:
80°C (UL AWM Style 2919)
Bulk Cable Weight:
258.917 Kg/Km
Max. Recommended Pulling Tension:
1574.660 N
Min. Bend Radius (Install)/Minor Axis:
144.780 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CM
CEC/C(UL) Specification:
CM
AWM Specification:
UL Style 2919 (30 V 80°C)
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1685 UL Loading
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
50
Nom. Inductance:
Inductance (µH/m)
0.59058
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
98.43
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
180.455
Nominal Velocity of Propagation:
VP (%)
66
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
20.9984
Ind. Pair Nominal Shield DC Resistance @ 20
Deg. C:
27.232 Ohm/km
Max. Operating Voltage - UL:
Voltage
30 V RMS (UL AWM Style 2919)
300 V RMS (CM)
Max. Recommended Current:
Page 2 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9774 Multi-Conductor - Audio, Control and Instrumentation Cable


Similar Part No. - 1345065

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345066 ETC2-1345066 Datasheet
95Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1345067 ETC2-1345067 Datasheet
95Kb / 2P
   Tinned copper conductor, PVC insulation
More results

Similar Description - 1345065

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9773 ETC2-9773 Datasheet
102Kb / 3P
   18 AWG stranded (19x30) TC conductors, polypropylene insulation
1345074 ETC2-1345074 Datasheet
99Kb / 3P
   18 AWG stranded (19x30) TC conductors, plenum, FEP insulation
1344189 ETC2-1344189 Datasheet
100Kb / 3P
   18 AWG stranded (19x30) TC conductors, plenum, FEP insulation
1344805 ETC2-1344805 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
1883A ETC2-1883A Datasheet
101Kb / 3P
   24 AWG stranded (7x32) TC conductors, polypropylene insulation
1348175 ETC2-1348175 Datasheet
99Kb / 3P
   28 AWG stranded (7x36) TC conductors, polypropylene insulation,
1346679 ETC2-1346679 Datasheet
102Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
1345076 ETC2-1345076 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
8451 ETC2-8451 Datasheet
102Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
8725 ETC2-8725 Datasheet
99Kb / 3P
   20 AWG stranded (7x28) TC conductors, polypropylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com