Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM4414BD1E5135C06 Datasheet(PDF) 4 Page - Vicor Corporation

Part # BCM4414BD1E5135C06
Description  Isolated, Fixed-Ratio DC-DC Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM4414BD1E5135C06 Datasheet(HTML) 4 Page - Vicor Corporation

  BCM4414BD1E5135C06 Datasheet HTML 1Page - Vicor Corporation BCM4414BD1E5135C06 Datasheet HTML 2Page - Vicor Corporation BCM4414BD1E5135C06 Datasheet HTML 3Page - Vicor Corporation BCM4414BD1E5135C06 Datasheet HTML 4Page - Vicor Corporation BCM4414BD1E5135C06 Datasheet HTML 5Page - Vicor Corporation BCM4414BD1E5135C06 Datasheet HTML 6Page - Vicor Corporation BCM4414BD1E5135C06 Datasheet HTML 7Page - Vicor Corporation BCM4414BD1E5135C06 Datasheet HTML 8Page - Vicor Corporation BCM4414BD1E5135C06 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
BCM® in a VIA Package
Rev 1.1
vicorpower.com
Page 4 of 40
05/2016
800 927.9474
BCM4414xD1E5135yzz
Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent damage to the device.
Parameter
Comments
Min
Max
Unit
+HI to –HI
-1
480
V
HI_DC or LO_DC slew rate
N/A
V/µs
+LO to –LO
-1
60
V
EXT BIAS to SGND
-0.3
10
V
0.15
A
SCL to SGND
-0.3
5.5
V
SDA to SGND
-0.3
5.5
V
ADDR to SGND
-0.3
3.6
V
Dielectric Withstand*
See note below
High Voltage Side to Case
Basic Insulation
2121
VDC
High Voltage Side to
Low Voltage Side
Reinforced Insulation (4242VDC)
2121
VDC
Low Voltage Side to Case
Functional Insulation
707
VDC
* Please see Dielectric Withstand section for details regarding test procedure, test values and insulation levels.


Similar Part No. - BCM4414BD1E5135C06

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM4414BD1E5135C06 VICOR-BCM4414BD1E5135C06 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414BD1E5135C06 VICOR-BCM4414BD1E5135C06 Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
More results

Similar Description - BCM4414BD1E5135C06

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com