Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM4414VD1E5135C10 Datasheet(PDF) 5 Page - Vicor Corporation

Part # BCM4414VD1E5135C10
Description  Isolated, Fixed-Ratio DC-DC Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM4414VD1E5135C10 Datasheet(HTML) 5 Page - Vicor Corporation

  BCM4414VD1E5135C10 Datasheet HTML 1Page - Vicor Corporation BCM4414VD1E5135C10 Datasheet HTML 2Page - Vicor Corporation BCM4414VD1E5135C10 Datasheet HTML 3Page - Vicor Corporation BCM4414VD1E5135C10 Datasheet HTML 4Page - Vicor Corporation BCM4414VD1E5135C10 Datasheet HTML 5Page - Vicor Corporation BCM4414VD1E5135C10 Datasheet HTML 6Page - Vicor Corporation BCM4414VD1E5135C10 Datasheet HTML 7Page - Vicor Corporation BCM4414VD1E5135C10 Datasheet HTML 8Page - Vicor Corporation BCM4414VD1E5135C10 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
BCM® in a VIA Package
Rev 1.1
vicorpower.com
Page 5 of 40
05/2016
800 927.9474
BCM4414xD1E5135yzz
Electrical Specifications
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TCASE
≤100°C (T-Grade); All other specifications are at TCASE = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
General Powertrain High Voltage Side to Low Voltage Side Specification (Forward Direction)
HI Side Input Voltage range,
continuous
VHI_DC
260
410
V
HI Side Input Voltage range,
transient
VHI_TRANS
260
410
V
VHI µController
VµC_ACTIVE
VHI_DC voltage where µC is initialized,
(powertrain inactive)
120
V
HI to LO Input Quiescent Current
IHI_Q
Disabled, VHI_DC = 400V
2
mA
TCASE ≤ 100ºC
4
HI to LO No Load Power Dissipation
PHI_NL
VHI_DC = 400V, TCASE = 25ºC
10.5
17
W
VHI_DC = 400V
6
21
VHI_DC = 260V to 410V, TCASE = 25 ºC
18
VHI_DC = 260V to 410V
22
HI to LO Inrush Current Peak
IHI_INR_PK
VHI_DC = 410V, CLO_EXT = 100µF, RLOAD_LO = 25% of full
load current
6
A
TCASE ≤ 100ºC
12
DC HI Side Input Current
IHI_IN_DC
At ILO_OUT_DC = 35A, TCASE ≤ 70ºC
4.5
A
Transformation Ratio
K
High voltage to low voltage K = VLO_DC / VHI_DC,
at no load
1/8
V/V
LO Side Output Current (continuous)
ILO_OUT_DC
TCASE ≤ 70ºC
35
A
LO Side Output Current (pulsed)
ILO_OUT_PULSE
2ms pulse, 25% Duty cycle, ILO_OUT_AVG ≤ 50% rated
ILO_OUT_DC
40
A
HI to LO Efficiency (ambient)
h
AMB
VHI_DC = 400V, ILO_OUT_DC = 35A
96.5
97.2
%
VHI_DC = 260V to 410V, ILO_OUT_DC = 35A
95.3
VHI_DC = 400V, ILO_OUT_DC = 17.5A
96.8
97.6
HI to LO Efficiency (hot)
h
HOT
VHI_DC = 400V, ILO_OUT_DC = 35A, TCASE = 70°C
95.7
96.5
%
HI to LO Efficiency
(over load range)
ηh
20%
7A < ILO_OUT_DC < 35A
94.5
%
HI to LO Output Resistance
RLO_COLD
VHI_DC = 400V, ILO_OUT_DC = 35A, TCASE = -40°C
18
22
25
RLO_AMB
VHI_DC = 400V, ILO_OUT_DC = 35A
27
29.5
33
RLO_HOT
VHI_DC = 400V, ILO_OUT_DC = 35A, TCASE = 70°C
32
34.8
37
Switching Frequency
FSW
Frequency of the LO side voltage ripple = 2x FSW
1.05
1.10
1.14
MHz
LO Side Output Voltage Ripple
VLO_OUT_PP
CLO_EXT = 0 µF, ILO_OUT_DC = 35A, VHI_DC = 400V,
20MHz BW
250
mV
TCASE ≤ 100ºC
550


Similar Part No. - BCM4414VD1E5135C10

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM4414VD1E5135C10 VICOR-BCM4414VD1E5135C10 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414VD1E5135C10 VICOR-BCM4414VD1E5135C10 Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
More results

Similar Description - BCM4414VD1E5135C10

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com