Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM4414VD1E13A2T10 Datasheet(PDF) 10 Page - Vicor Corporation

Part # BCM4414VD1E13A2T10
Description  Isolated, Fixed-Ratio DC-DC Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM4414VD1E13A2T10 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button BCM4414VD1E13A2T10 Datasheet HTML 6Page - Vicor Corporation BCM4414VD1E13A2T10 Datasheet HTML 7Page - Vicor Corporation BCM4414VD1E13A2T10 Datasheet HTML 8Page - Vicor Corporation BCM4414VD1E13A2T10 Datasheet HTML 9Page - Vicor Corporation BCM4414VD1E13A2T10 Datasheet HTML 10Page - Vicor Corporation BCM4414VD1E13A2T10 Datasheet HTML 11Page - Vicor Corporation BCM4414VD1E13A2T10 Datasheet HTML 12Page - Vicor Corporation BCM4414VD1E13A2T10 Datasheet HTML 13Page - Vicor Corporation BCM4414VD1E13A2T10 Datasheet HTML 14Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
BCM® in a VIA Package
Rev 1.1
vicorpower.com
Page 10 of 40
05/2016
800 927.9474
BCM4414xD1E13A2yzz
Signal Characteristics
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TCASE
≤100°C (T-Grade); All other specifications are at TCASE = 25ºC unless otherwise noted. Please Note: For chassis mount model, Vicor part number 42550 will be
needed for applications requiring the use of the signal pins. Signal cable 42550 is rated up to five insertions and extractions. To avoid unnecessary stress on the
connector, the cable should be tied to the chassis.
EXT. BIAS (VDDB) Pin
• 5V supply input, required to power the circuitry internal to the BCM in a VIA package for communication signals such as SCL, SDA, ADDR etc
• Voltage to EXT BIAS pin is needed for PMBus™ enable and disable control. It is not needed for PMBus monitoring voltage, current, power or temperature.
Lower voltage is better. It will help to lower the power dissapation in the internal regulator that is generating 3.3 V voltage for communication circuits.
• Apply voltage to this pin between 4.5V and 9V. The nominal voltage is 5V.
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX UNIT
INPUT
Regular
Operation
VDDB Voltage
VVDDB
4.5
5
9
V
VDDB Current consumption
IVDDB
50
mA
Startup
Inrush Current Peak
IVDDB_INR
VVDDB Slew Rate = 1V/µs
3.5
A
Turn on time
tVDDB_ON
From VVDDB_MIN to PMBus active
1.5
ms
SGND Pin
• This pin is supply return pin for Ext. Bias (VDDB) pin.
• All input and output signals (SCL, SDA, ADDR) are referenced to SGND pin.
Address (ADDR) Pin
• This pin programs only a Fixed and Persistent slave address for BCM in a VIA package.
• This pin programs the address using a resistor between ADDR pin and signal ground.
• The address is sampled during startup and is used until power is reset.
• This pin has 10 kΩ pullup resistor internally between ADDR pin and internal VDD.
• 16 addresses are available. Relative to nominal value of internal VDD (VVDD_NOM = 3.3V), a 206.25mV range per address.
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX UNIT
MULTI
‐LEVEL
INPUT
Regular
Operation
ADDR Input Voltage
VSADDR
See address section
0
3.3
V
ADDR leakage current
ISADDR
Leakage current
1
µA
Startup
ADDR registration time
tSADDR
From VVDD_IN_MIN
1
ms


Similar Part No. - BCM4414VD1E13A2T10

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM4414VD1E13A2T10 VICOR-BCM4414VD1E13A2T10 Datasheet
1Mb / 42P
   Isolated Fixed-Ratio DC-DC Converter
More results

Similar Description - BCM4414VD1E13A2T10

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com