Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH26-45S-0.3SHW Datasheet(PDF) 8 Page - Hirose Electric

Part # FH26-45S-0.3SHW
Description  0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH26-45S-0.3SHW Datasheet(HTML) 8 Page - Hirose Electric

Back Button FH26-45S-0.3SHW Datasheet HTML 4Page - Hirose Electric FH26-45S-0.3SHW Datasheet HTML 5Page - Hirose Electric FH26-45S-0.3SHW Datasheet HTML 6Page - Hirose Electric FH26-45S-0.3SHW Datasheet HTML 7Page - Hirose Electric FH26-45S-0.3SHW Datasheet HTML 8Page - Hirose Electric FH26-45S-0.3SHW Datasheet HTML 9Page - Hirose Electric FH26-45S-0.3SHW Datasheet HTML 10Page - Hirose Electric FH26-45S-0.3SHW Datasheet HTML 11Page - Hirose Electric FH26-45S-0.3SHW Datasheet HTML 12Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
BRecommended FPC Construction
1. Using Single-sided FPC
Material Name
Covering film layer.
Cover adhesive
Surface treatment
Copper foil
Base adhesive
Base film
Reinforcement material adhesive
Stiffener
Polyamide
1 mil thick.
Tin-lead plated
Cu
1/2oz
Thermosetting adhesive
Polyamide
1 mil thick
Thermosetting adhesive
Polyamide
3 mil thick
Total
25
25
5
35
25
25
40
75
205
Material
Thickness (µm)
2. Using Double-sided FPC
Material Name
Back side
Covering layer film
Cover adhesive
Surface treatment
Through-hole copper
Copper foil
Base adhesive
Base film
Base adhesive
Copper foil
Cover adhesive
Covering layer film
Reinforcement material adhesive
Stiffener
Polyamide
1 mil thick
Tin-lead plated
Cu
Cu
1/2oz
Thermosetting adhesive
Polyamide
1 mil thick
Thermosetting adhesive
Cu
1/2oz
Thermosetting adhesive
Polyamide
1 mil thick
Thermosetting adhesive
Polyamide
1 mil thick
Total
25
25
5
15
18
18
25
18
18
25
25
25
25
199
Material
Thickness (µm)
qTo prevent release of the FPC due to it's bending, use of double sided FPC with copper foil on the back side is NOT RECOMMENDED.
qContact FPC manufacturer for specific details.
Back side
Connecting side
Connecting side


Similar Part No. - FH26-45S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH26-45S-0.3SHW HIROSE-FH26-45S-0.3SHW Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-45S-0.3SHW HIROSE-FH26-45S-0.3SHW Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
More results

Similar Description - FH26-45S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH23 HIROSE-FH23 Datasheet
308Kb / 11P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH23-15S-0.3SHW HIROSE-FH23-15S-0.3SHW Datasheet
644Kb / 10P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH33-28S-0.5SH HIROSE-FH33-28S-0.5SH Datasheet
390Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com