Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX2M3-60S-1.27SH Datasheet(PDF) 3 Page - Hirose Electric

Part # FX2M3-60S-1.27SH
Description  Plug-in Connectors for DISK Unit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX2M3-60S-1.27SH Datasheet(HTML) 3 Page - Hirose Electric

  FX2M3-60S-1.27SH Datasheet HTML 1Page - Hirose Electric FX2M3-60S-1.27SH Datasheet HTML 2Page - Hirose Electric FX2M3-60S-1.27SH Datasheet HTML 3Page - Hirose Electric FX2M3-60S-1.27SH Datasheet HTML 4Page - Hirose Electric FX2M3-60S-1.27SH Datasheet HTML 5Page - Hirose Electric FX2M3-60S-1.27SH Datasheet HTML 6Page - Hirose Electric FX2M3-60S-1.27SH Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
A179
FX2M3-128S8-RC
572-1007-0
___
(NOTE1)
8
Socket side
FX2M3-128P8-DSL
572-1008-2
60∞2
8
Header side, Right angle through hole
FX2M3-128S8-DSAL
572-1009-5
60∞2
8
Receptacle side, Straight through hole
FX2M3-128P8-DSAL
572-1010-4
60∞2
8
Header side, Straight through hole
FX2BA-60S-1.27R/L
572-1026-4
60 (NOTE2)
______
Cable connector
FX2M3-60S-1.27SH
572-1020-8
60 (NOTE2)
______
Termination connector
FX 2M3 - 128 S 8 - DSA L
qw
e
r
t
y
qw
e
r
t
y
FX 2BA - 60 S - 1.27 R/L
sOrdering Information
t Contact type
DSA
: Straight through hole
DS
: Right angle through hole
RC
: Socket (Note 1)
y L: Board prefixed pin attached
q Series name
: FX2M3
w 128
: (Total Contact number)
e Connector types : S : Receptacle or Socket
P : Header
r 8: Power contact number
r Connector type
: S. Socket (Cable connector)
Receptacle (Termination connector)
t Contact pitch..1.27mm
y R/L : ID connection type
SH : Pinching SMT type
q Series name
: FX
w Series No.
: 2BA..Cable connector
2M3..Termination connector
e Number of contacts : 60
q60 Contacts Engage/Disengage Connector
Part Number
CL No.
Number of Contacts
Remarks
Signal
Power
NOTE 1 : The signal connector is uninstalled. (Use FX2BA-60S-1.27R/L or FX2M3-60S-1.27SH.)
NOTE 2 : Installation to FX2M3-128S8-RC possible.


Similar Part No. - FX2M3-60S-1.27SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX2M6A-60P-1.27DSAL HIROSE-FX2M6A-60P-1.27DSAL Datasheet
195Kb / 6P
   Connection Circuit Diagram
FX2M6A-60S-1.27DSAL HIROSE-FX2M6A-60S-1.27DSAL Datasheet
195Kb / 6P
   Connection Circuit Diagram
FX2M6B-60P-1.27DSAL HIROSE-FX2M6B-60P-1.27DSAL Datasheet
195Kb / 6P
   Connection Circuit Diagram
FX2M6B-60S-1.27DSAL HIROSE-FX2M6B-60S-1.27DSAL Datasheet
195Kb / 6P
   Connection Circuit Diagram
More results

Similar Description - FX2M3-60S-1.27SH

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
DIS MSYSTEM-DIS Datasheet
111Kb / 3P
   Plug-in Signal Conditioners M-UNIT
KHS MSYSTEM-KHS Datasheet
107Kb / 3P
   Plug-in Signal Conditioners K-UNIT
LC2 MSYSTEM-LC2 Datasheet
110Kb / 3P
   Plug-in Signal Conditioners M-UNIT
MXLC MSYSTEM-MXLC Datasheet
118Kb / 3P
   Plug-in Signal Conditioners MX-UNIT
TCS_CE MSYSTEM-TCS_CE Datasheet
105Kb / 4P
   Plug-in Signal Conditioners M-UNIT
SVF_CE MSYSTEM-SVF_CE Datasheet
108Kb / 3P
   Plug-in Signal Conditioners M-UNIT
MXAB MSYSTEM-MXAB Datasheet
194Kb / 7P
   Plug-in Signal Conditioners MX-UNIT
KCK MSYSTEM-KCK Datasheet
104Kb / 3P
   Plug-in Signal Conditioners K-UNIT
KURE MSYSTEM-KURE Datasheet
139Kb / 4P
   Plug-in Signal Conditioners K-UNIT
KPE MSYSTEM-KPE Datasheet
99Kb / 3P
   Plug-in Signal Conditioners K-UNIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com