Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX8-100P-SV Datasheet(PDF) 4 Page - Hirose Electric

Part # FX8-100P-SV
Description  0.6mm Pitch Stacking Height 3mm to 16mm Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX8-100P-SV Datasheet(HTML) 4 Page - Hirose Electric

  FX8-100P-SV Datasheet HTML 1Page - Hirose Electric FX8-100P-SV Datasheet HTML 2Page - Hirose Electric FX8-100P-SV Datasheet HTML 3Page - Hirose Electric FX8-100P-SV Datasheet HTML 4Page - Hirose Electric FX8-100P-SV Datasheet HTML 5Page - Hirose Electric FX8-100P-SV Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A229
sHeader (Single Product)
s[FX8-**P-SV]
s[FX8-**P-SV1]
**None: Tray packaging product, 21: Tube packaging product, 22: Embossed tape packaging product
Note 1: To order the tube packaging product, determine a quantity for delivery,multiplying the tube packaging product by an integer.
Note 2: The embossed tape package product is prepared for all number of contacts, except for 140 contacts. In addition, the product will be
procured by the reel unit at 1 reel = 1000 pieces. Please refer to the delivery form item on page A235 for details.
Part Number
CL No.
Unit: mm
FX8-060P-SV(**)
FX8-080P-SV(**)
FX8-090P-SV(**)
FX8-100P-SV(**)
FX8-120P-SV(**)
FX8-140P-SV(**)
578-0001-6-**
578-0003-1-**
578-0004-4-**
578-0005-7-**
578-0006-0-**
578-0007-2-**
60
80
90
100
120
140
24.60
30.60
33.60
36.60
42.60
48.60
23.00
29.00
32.00
35.00
41.00
47.00
20.70
26.70
29.70
32.70
38.70
44.70
22.20
28.20
31.20
34.20
40.20
46.20
21
17
15
14
12
10
Number of Contacts
A
B
C
D
E
Tube packaging Quantity (Pieces)
17.40
23.40
26.40
29.40
35.40
41.40
**None: Tray packaging product,
21: Tube packaging product,
22: Embossed tape packaging product
Note 1: To order the tube packaging product, please determine a quantity for delivery,multiplying the tube package product by an integer.
Note 2: The embossed tape package product is prepared for the entire number of contacts, except for 140 contacts. In addition, the product will be sold
by the reel unit when 1 reel = 1000 pieces. Please refer to the delivery form item on page A235 for details.
Part Number
CL No.
Unit: mm
FX8-060P-SV1(**)
FX8-080P-SV1(**)
FX8-090P-SV1(**)
FX8-100P-SV1(**)
FX8-120P-SV1(**)
FX8-140P-SV1(**)
578-0041-0-**
578-0043-6-**
578-0044-9-**
578-0045-1-**
578-0046-4-**
578-0047-7-**
60
80
90
100
120
140
24.60
30.60
33.60
36.60
42.60
48.60
23.00
29.00
32.00
35.00
41.00
47.00
20.70
26.70
29.70
32.70
38.70
44.70
22.20
28.20
31.20
34.20
40.20
46.20
21
17
15
14
12
10
Number of Contacts
A
B
C
D
E
Tube packaging Quantity (Pieces)
17.40
23.40
26.40
29.40
35.40
41.40


Similar Part No. - FX8-100P-SV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
FX8-120S-SV AD-FX8-120S-SV Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
FX8-120S-SV(21) AD-FX8-120S-SV(21) Datasheet
558Kb / 12P
   Evaluation Board User Guide
REV. A
logo
Hirose Electric
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
More results

Similar Description - FX8-100P-SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8C-60P-SV HIROSE-FX8C-60P-SV Datasheet
422Kb / 11P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
BM50 HIROSE-BM50 Datasheet
384Kb / 11P
   0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector
Mar. 2022
FX6-20P-0.8SV HIROSE-FX6-20P-0.8SV Datasheet
415Kb / 8P
   0.8mm Pitch Stacking Height 5 to 9mm Connector
FX4C-20P-1.27DSA HIROSE-FX4C-20P-1.27DSA Datasheet
477Kb / 7P
   Stacking Height 5 to 11mm Half Pitch Connector
logo
DDK Ltd.
DFW-PAV20-98-3A DDK-DFW-PAV20-98-3A Datasheet
280Kb / 3P
   0.6mm Pitch Floating Connector
logo
Everlight Electronics C...
Y2C-FN1P1VZ EVERLIGHT-Y2C-FN1P1VZ Datasheet
161Kb / 10P
   Chip LED (0.6mm Height)
BHW-ZMNQY EVERLIGHT-BHW-ZMNQY Datasheet
217Kb / 10P
   Chip LED (0.6mm Height)
R6C-AM2P1VY EVERLIGHT-R6C-AM2P1VY Datasheet
222Kb / 10P
   Chip LED(0.6mm Height)
logo
Japan Aviation Electron...
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com