Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1038 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1038
Description  10-Bit Serial I/O A/D Converter with Analog Multiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1038 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC1038 Datasheet HTML 1Page - National Semiconductor (TI) ADC1038 Datasheet HTML 2Page - National Semiconductor (TI) ADC1038 Datasheet HTML 3Page - National Semiconductor (TI) ADC1038 Datasheet HTML 4Page - National Semiconductor (TI) ADC1038 Datasheet HTML 5Page - National Semiconductor (TI) ADC1038 Datasheet HTML 6Page - National Semiconductor (TI) ADC1038 Datasheet HTML 7Page - National Semiconductor (TI) ADC1038 Datasheet HTML 8Page - National Semiconductor (TI) ADC1038 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Electrical Characteristics (Continued)
The following specifications apply for V
CC = +5.0V, VREF = +4.6V, fS = 700 kHz, and fC = 3 MHz unless otherwise specified.
Boldface limits apply for T
A = TJ = TMIN to TMAX ; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 8)
(Note 9)
(Limits)
AC CHARACTERISTICS
f
C
Conversion Clock (C
CLK)
0.7
MHz (min)
Frequency
4.0
3.0
MHz (max)
f
S
Serial Data Clock (S
CLK)fC = 3 MHz, R/L = “0”
183
kHz (min)
Frequency (Note 13)
f
C = 3 MHz, R/L = “1”
622
kHz (min)
f
C = 3 MHz, R/L = “0” or R/L = “1”
2
1.0
MHz (max)
T
C
Conversion Time
Not Including MUX Addressing and
41 (1/f
C)
(max)
Analog Input Sampling Times
+ 200 ns
t
CA
Analog Sampling Time
After Address is Latched,CS = Low
4.5 (1/f
S)
(max)
+ 200 ns
t
ACC
Access Time Delay from CS or OE
OE = “0”
100
200
ns (max)
Falling Edge to DO Data Valid
t
SET-UP
Set-up Time of CS Falling
75
150
ns (min)
Edge to S
CLK Rising Edge
t
1H,t0H
Delay from OE or CS Rising
R
L = 3kΩ,CL = 100 pF
100
120
ns (max)
Edge to DO TRI-STATE
t
HDI
DI Hold Time from S
CLK Rising Edge
0
50
ns (min)
t
SDI
DI Set-up Time to S
CLK Rising Edge
50
100
ns (min)
t
HDO
DO Hold Time from S
CLK Falling Edge
R
L = 30 kΩ,CL = 100 pF
70
10
ns (min)
t
DDO
Delay from S
CLK Falling
R
L = 30 kΩ,CL = 100 pF
150
250
ns (max)
Edge to DO Data Valid
t
RDO
DO Rise Time
R
L = 30 kΩ,
TRI-STATE to High
35
75
ns (max)
C
L = 100 pF
Low to High
75
150
ns (max)
t
FDO
DO Fall Time
R
L = 30 kΩ,
TRI-STATE to Low
35
75
ns (max)
C
L = 100 pF
High to Low
75
150
ns (max)
C
IN
Input Capacitance
Analog Inputs (CH0–CH7)
50
pF
All Other Inputs
7.5
pF
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may de-
grade when the device is not operated under the listed test conditions.
Note 3: All voltages are measured with respect to AGND and DGND, unless otherwise specified.
Note 4: When the input voltage (VIN) at any pin exceeds the power supplies (VIN < DGND, or VIN > VCC) the current at that pin should be limited to 5 mA. The 20 mA
maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 5 mA to four pins.
Note 5: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax, θJA and the ambient temperature, TA. The maximum
allowable power dissipation at any temperature is PD = (TJmax −TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For this device,
TJmax = 125˚C. The typical thermal resistance (θJA) when board mounted is 64˚C/W.
Note 6: Human body model, 100 pF capacitor discharged through a 1.5 k
Ω resistor.
Note 7: See AN450 “Surface Mounting Methods and Their Effect on Product Reliability” or Linear Databook section “Surface Mount” for other methods of soldering
surface mount devices.
Note 8: Typicals are at TJ = 25˚C and represent most likely parametric norm.
Note 9: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 10: Total unadjusted error includes offset, full-scale, linearity, multiplexer, and hold step errors.
Note 11: Two on-chip diodes are tied to each analog input. They will forward-conduct for analog input voltages one diode drop below ground or one diode drop
greater than VCC supply. Be careful during testing at low VCC levels (4.5V), as high level analog inputs (5V) can cause an input diode to conduct, especially at el-
evated temperatures, which will cause errors for analog inputs near full-scale. The spec allows 50 mV forward bias of either diode; this means that as long as the
analog VIN does not exceed the supply voltage by more than 50 mV, the output code will be correct. Exceeding this range on an unselected channel will corrupt the
reading of a selected channel. To achieve an absolute 0 VDC to 5 VDC input voltage range will therefore require a minimum supply voltage of 4.950 VDC over tem-
perature variations, initial tolerance and loading.
Note 12: Channel leakage current is measured after the channel selection.
Note 13: In order to synchronize the serial data exchange properly, SARS needs to go low after completion of the serial I/O data exchange. If this does not occur
the output shift register will be reset and the correct output data lost. The minimum limit for SCLK will depend on CCLK frequency and whether right-justified or
left-justified, and can be determined by the following equations:
f
S > (8.5/41) (fC) with right-justification (R/L = “1”) and fS > (2.5/41) (fC) with left-justification (R/L = “0”).
www.national.com
3


Similar Part No. - ADC1038

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1038 NSC-ADC1038 Datasheet
349Kb / 18P
   ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function
More results

Similar Description - ADC1038

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC35080P TOSHIBA-TC35080P Datasheet
730Kb / 11P
   10-BIT SERIAL I/O A/D CONVERTER
logo
National Semiconductor ...
ADC0811 NSC-ADC0811 Datasheet
323Kb / 14P
   8-Bit Serial I/O A/D Converter With 11-Channel Multiplexer
ADC0833 NSC-ADC0833 Datasheet
316Kb / 20P
   8-Bit Serial I/O A/D Converter with 4-Channel Multiplexer
ADC0819 NSC-ADC0819_09 Datasheet
694Kb / 16P
   8-Bit Serial I/O A/D Converter with 19-Channel Multiplexer
ADC0819 NSC-ADC0819 Datasheet
279Kb / 12P
   8-Bit Serial I/O A/D Converter with 19-Channel Multiplexer
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC1034 NSC-ADC1034 Datasheet
349Kb / 18P
   ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function
logo
Texas Instruments
ADCV08832 TI1-ADCV08832 Datasheet
304Kb / 16P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com