Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX8-120P-SV Datasheet(PDF) 2 Page - Hirose Electric

Part # FX8-120P-SV
Description  0.6mm Pitch Stacking Height 3mm to 16mm Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX8-120P-SV Datasheet(HTML) 2 Page - Hirose Electric

  FX8-120P-SV Datasheet HTML 1Page - Hirose Electric FX8-120P-SV Datasheet HTML 2Page - Hirose Electric FX8-120P-SV Datasheet HTML 3Page - Hirose Electric FX8-120P-SV Datasheet HTML 4Page - Hirose Electric FX8-120P-SV Datasheet HTML 5Page - Hirose Electric FX8-120P-SV Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A227
sProduct Specifications
Rating
Current rating 0.4A
Operating Temperature Range -55ç to +85ç Note 1.
Storage Temperature Range -10ç to +60ç Note 2.
Voltage rating 100V AC
Operating Humidity Range -40% to 80%
Storage Humidity Range 40% to 70%
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note : The black dots on the insulater will not affect performance.
*The embossed tape packaging product is prepared for all number of contacts, except for 140 contacts.
*The standard delivery packaging of the two-piece connection product is the tray packaging.
sOrdering Information
sMaterial
Part
Material
Finish
Remarks
FX8
- 120 P - SV 1 (22)
qe
t
wr
y
q Series Name : FX8
w Number of Contacts :60, 80, 90, 120, 140
e Connector type
P : Header
S : Receptacle
r Contact type
SV : Board vertical type
t Product height variationNone...Standard (Minimum low profile)
1 : +1mm
y Package Form
None
: Tray package product
(21)
: Tube packaging product
(22)
: Emboss tape package product
Item
Specification
Condition
1. Insulation Resistance
1000M ohms min
250V DC
2. Withstanding voltage
No flashover or insulation breakdown.
300V AC/1 minute
3. Contact Resistance
45m ohms max.
100mA
4. Vibration
No electrical discontinuity of 1µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
5.
Humidity (Steady state) Contact resistance: 55m ohms max.: Insulation resistance: 100M ohms min. 96 hours at temperature of 40ç and humidity of 90% to 95%
6. Temperature Cycle
Contact resistance: 55m ohms max.: Insulation resistance: 100M ohms min. (-55ç: 30 minutes, 15 to 35ç: 2 to 3 minutes
(-85ç: 30 minutes, 15 to 35ç: 2 to 3 minutes) 5 cycles
7. Durability (Mating/un-mating) Contact resistance: 55m ohms max.
50 cycles
8. Resistance to Soldering heat
No deformation of components affecting performance. Reflow: At the recommended temperature profile
Manual soldering: 300ç for 3 seconds
Insulator
PBS
Light brown
UL94V-0
Header Contact
Phosphor bronze
Contact area
Gold plated
–––––––
Lead area
Tin-lead plated
Receptacle Contact
Phosphor bronze
Contact area
Gold plated
–––––––
Lead area
qSingle Product
FX8 Series
FX8
- 120/120 P 11 - SV 1 J
qe
y u
wr
t
q Series Name :FX8
w Number of Contacts: 60∞2, 80∞2, 90∞2,
100∞2, 120∞2, 140∞2
Example: 120/120 = 240 contacts
e Connector Type :
P : Header
S : Receptacle
r Connector to Connector Pitch
t Contact type :
SV...Board vertical type
y Product height variationBlank:Standard (Minimum low profile)
1 : +1mm
u J: two-pieces connection product
qtwo-pieces Connection Product


Similar Part No. - FX8-120P-SV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
FX8-120S-SV AD-FX8-120S-SV Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
FX8-120S-SV(21) AD-FX8-120S-SV(21) Datasheet
558Kb / 12P
   Evaluation Board User Guide
REV. A
logo
Hirose Electric
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
More results

Similar Description - FX8-120P-SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8C-60P-SV HIROSE-FX8C-60P-SV Datasheet
422Kb / 11P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
BM50 HIROSE-BM50 Datasheet
384Kb / 11P
   0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector
Mar. 2022
FX6-20P-0.8SV HIROSE-FX6-20P-0.8SV Datasheet
415Kb / 8P
   0.8mm Pitch Stacking Height 5 to 9mm Connector
FX4C-20P-1.27DSA HIROSE-FX4C-20P-1.27DSA Datasheet
477Kb / 7P
   Stacking Height 5 to 11mm Half Pitch Connector
logo
DDK Ltd.
DFW-PAV20-98-3A DDK-DFW-PAV20-98-3A Datasheet
280Kb / 3P
   0.6mm Pitch Floating Connector
logo
Everlight Electronics C...
Y2C-FN1P1VZ EVERLIGHT-Y2C-FN1P1VZ Datasheet
161Kb / 10P
   Chip LED (0.6mm Height)
BHW-ZMNQY EVERLIGHT-BHW-ZMNQY Datasheet
217Kb / 10P
   Chip LED (0.6mm Height)
R6C-AM2P1VY EVERLIGHT-R6C-AM2P1VY Datasheet
222Kb / 10P
   Chip LED(0.6mm Height)
logo
Japan Aviation Electron...
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com