Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT7050BB Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NT7050BB
Description  Temperature Compensated Crystal Oscillator (TCXO)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NT7050BB Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NT7050BB Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Oscillator
- 16 -
1503A_NT7050BB_e
Temperature Compensated
Crystal Oscillator (TCXO)
NT7050BB
● SONET/SDH
● Femtocell/Small cell Basestation
● Stratum3
Main Application
● Maximum Operating Temp. +105°C . (Freq. / Temp. Characteristics Max. ±0.5×10–6)
● Freq. / Temp. Characteristics Max. ±0.07×10–6 .(Operating Temp. Range-10 to +70°C)
● Low current consumption : Max. 6mA
● Output voltage can be selected CMOS or Clipped Sine.
● Small size SMD package : (7.0×5.0×2.0mm)
Features
Item
Model
NT7050BB
Nominal Frequency (MHz)
10 to 26
10 to 40
10 to 25
Supply Voltage [VCC] (V)
+3.3 ± 2%
+3.3 ± 5%
+3.3 ± 5%
Current Consumption (mA)
Max. 6
Output Voltage
CMOS or Clipped sine
Symmetry Min. to Max. (%)
40 to 60
Output Load Condition
15pF or 10kΩ // 10 pF
Operating Temperature Range (°C)
–10 to +70
–40 to +85
–40 to +105
Storage Temperature Range (°C)
–55 to +125
Frequency/Temperature Characteristics
Max. ±0.07×10–6
Max. ±0.28×10–6
Max. ±0.5×10–6
Overall Frequency Tolerance *1
Max. ±4.6×10–6
Absolute Pull Range(APR) / Control Voltage [Vcont]
Max. ±3×10–6/+1.65V±1.65V
*1 : Overall Frequency Tolerance includes Frequency/Temperature Characteristics, Initial Frequency tolerance, Frequency/Voltage Coefficient, Frequency/Load
Coefficient and Long-term Frequency Stability (15years).
Specifications
Dimensions
Land pattern (Typical)
mm
7.0
3.68
5.08
5.08
1.4
1.4
1.5
1.5
#1
#2
#4
#3
#4: Please connect a 0.01F bypass capacitor near the Vcc terminal.
#1
Vcont
#2
GND
#3
OUTPUT
#4
VCC
Terminal land connections
Specification Number
Please specify the model name, frequency, and specification number when you
order products.
For further questions regarding specifications, please feel free to contact us.
Output Voltage: CMOS
Operating Temperature Range (°C) -10 to +70°C -40 to +85°C -40 to +105°C
Specification Number
NSA3633B
NSA3633D
NSA3633F
Output Voltage : Clipped Sine
Operating Temperature Range (°C) -10 to +70°C -40 to +85°C -40 to +105°C
Specification Number
NSA3633A
NSA3633C
NSA3633E


Similar Part No. - NT7050BB

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NT7050BB NDK-NT7050BB Datasheet
719Kb / 1P
   High Precision Temperature Compensated Crystal Oscillator
NT7050BB NDK-NT7050BB_18 Datasheet
719Kb / 1P
   High Precision Temperature Compensated Crystal Oscillator
More results

Similar Description - NT7050BB

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
5925A NDK-5925A Datasheet
78Kb / 1P
   Temperature-Compensated Crystal Oscillator (TCXO)
5921A NDK-5921A Datasheet
91Kb / 1P
   Temperature-Compensated Crystal Oscillator (TCXO)
5936L NDK-5936L Datasheet
83Kb / 1P
   Temperature-Compensated Crystal Oscillator (TCXO)
logo
Epson Company
X1G0054410316XX EPSON-X1G0054410316XX Datasheet
519Kb / 8P
   Temperature Compensated Crystal Oscillator (TCXO)
TG-5001LA EPSON-TG-5001LA Datasheet
241Kb / 2P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR (VC-TCXO)
logo
Advanced XTAL Products
AXLE1000 AXTAL-AXLE1000 Datasheet
107Kb / 4P
   UHF Temperature Compensated Crystal Oscillator (TCXO)
logo
Fox Electronics
FOX789A FOX-FOX789A Datasheet
215Kb / 1P
   TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
NT5032BA NDK-NT5032BA Datasheet
703Kb / 1P
   High Precision Temperature Compensated Crystal Oscillator (TCXO)
NT2520SB NDK-NT2520SB Datasheet
292Kb / 1P
   Temperature Compensated Crystal Oscillator (TCXO) NT2520S Series
logo
Fronter Electronics Co....
TCXO-SMD3225 FRONTER-TCXO-SMD3225 Datasheet
128Kb / 1P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR(TCXO) FOR GPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com