Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF20F-20DS-1H Datasheet(PDF) 6 Page - Hirose Electric

Part # DF20F-20DS-1H
Description  1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF20F-20DS-1H Datasheet(HTML) 6 Page - Hirose Electric

  DF20F-20DS-1H Datasheet HTML 1Page - Hirose Electric DF20F-20DS-1H Datasheet HTML 2Page - Hirose Electric DF20F-20DS-1H Datasheet HTML 3Page - Hirose Electric DF20F-20DS-1H Datasheet HTML 4Page - Hirose Electric DF20F-20DS-1H Datasheet HTML 5Page - Hirose Electric DF20F-20DS-1H Datasheet HTML 6Page - Hirose Electric DF20F-20DS-1H Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
qStraight pin header
BEmbossed Carrier Tape Dimensions
Product No.
Number of
Contacts
A
B
C
D
DF20F(G)-10DP-1V
DF20F(G)-20DP-1V
DF20F(G)-30DP-1V
DF20F(G)-40DP-1V
DF20F(G)-50DP-1V
DF20F-10DP-1H
DF20F-20DP-1H
DF20F-30DP-1H
DF20F-40DP-1H
DF20F-50DP-1H
*
*
* Reserved for product expansion
10
20
30
40
50
10
20
30
40
50
16
24
32
44
44
16
24
32
44
44
------
------
28.4
40.4
40.4
------
------
28.4
40.4
40.4
17.5
11.5
14.2
20.2
20.2
17.5
11.5
14.2
20.2
20.2
16.4
24.4
32.4
44.4
44.4
16.4
24.4
32.4
44.4
44.4
1.5
0.4
(7.4)
12±0.1
2±0.1
4±0.1
Unreeling direction
+0.1
0
2 ±0.5
Product name
label
Ø21±0.8
2 ±0.5
D
Ø1.5 mm diameter
feed hole depth
+2
0
1.5
0.4
7.9
12 ±0.1
2 ±0.1
4 ±0.1
Ø1.5
Unreeling direction
+0.1
0
+0.1
0
qRight angle pin header
qReel dimensions


Similar Part No. - DF20F-20DS-1H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF20F-20DP-1H HIROSE-DF20F-20DP-1H Datasheet
302Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20F-20DP-1H(59) HIROSE-DF20F-20DP-1H(59) Datasheet
306Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20F-20DP-1V HIROSE-DF20F-20DP-1V Datasheet
302Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20F-20DP-1V(56) HIROSE-DF20F-20DP-1V(56) Datasheet
306Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20F-20DP-1V56 HIROSE-DF20F-20DP-1V56 Datasheet
288Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
More results

Similar Description - DF20F-20DS-1H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF20F-20DP-1V56 HIROSE-DF20F-20DP-1V56 Datasheet
288Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20A-10DS-1C HIROSE-DF20A-10DS-1C_1 Datasheet
302Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20 HIROSE-DF20 Datasheet
306Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com