Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH19S-14S-0.5SH Datasheet(PDF) 9 Page - Hirose Electric

Part # FH19S-14S-0.5SH
Description  0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH19S-14S-0.5SH Datasheet(HTML) 9 Page - Hirose Electric

  FH19S-14S-0.5SH Datasheet HTML 1Page - Hirose Electric FH19S-14S-0.5SH Datasheet HTML 2Page - Hirose Electric FH19S-14S-0.5SH Datasheet HTML 3Page - Hirose Electric FH19S-14S-0.5SH Datasheet HTML 4Page - Hirose Electric FH19S-14S-0.5SH Datasheet HTML 5Page - Hirose Electric FH19S-14S-0.5SH Datasheet HTML 6Page - Hirose Electric FH19S-14S-0.5SH Datasheet HTML 7Page - Hirose Electric FH19S-14S-0.5SH Datasheet HTML 8Page - Hirose Electric FH19S-14S-0.5SH Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
46
BFH19 & FH19S Series FPC/FFC Construction (Recommended Specifications)
1. Using Single-sided FPC
2. Dual-sided FPC
Note 1: The 0.2mm thick FFC is the 0.3mm thick FFC with different stiffener.
Note 2: This specification is a recommendation for the FH19, FH19S Series connectors using FPC/FFC 0.2/0.3 ±0.03mm thick.
3. Using FFC (Flexible Flat Cable)
FPC : Flexible Printed Circuit
Material Name
Surface treatment
Copper foil
Base adhesive
Base film
Reinforcement material adhesive
Stiffener
Material
Thickness (µm)
FH19
FH19S
Tin-lead plating
Cu
1oz
Polyamide
1 mil thick
Heat-hardened adhesive
Polyamide
3 mil thick
Total
Covering film layer.
Cover adhesive
Polyamide
1 mil thick
5
35
25
25
30
75
195
5
35
25
25
30
175
295
25
25
25
25
FPC : Flexible Printed Circuit
Covering layer film
Cover adhesive
Surface treatment
Through-hole copper
Copper foil
Base adhesive
Base film
Base adhesive
Copper foil
Cover adhesive
Covering layer film
Reinforcement material adhesive
Stiffener
Cu
1/2oz
Polyamide
1 mil thick
Heat-hardened adhesive
Polyamide
1 mil thick
Total
18
25
25
25
25
199
18
25
25
50
100
299
Polyamide
1 mil thick
Tin-lead plating
Cu
Cu
1/2oz
Polyamide
1 mil thick
25
25
5
15
18
18
25
18
25
25
5
15
18
18
25
18
Material Name
Material
Thickness (µm)
FH19
FH19S
FFC : Flexible Flat Cable
Tin plated, soft copper film
Adhesive
Polyester
Adhesive
Stiffener
Polyester film
Adhesive
* Practical tolerance of thickness dimension is ±20µm (i.e., 187 to 227µm).
Polyester
Polyester
Polyester
Total
Polyester thermoplastic type
12
30
35
30
12
30
100
207
12
30
35
30
12
30
188
295
Material Name
Material
Thickness (µm)
FH19
FH19S


Similar Part No. - FH19S-14S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH19SC-04S-0.5SH05 HIROSE-FH19SC-04S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19SC-05S-0.5SH05 HIROSE-FH19SC-05S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19SC-06S-0.5SH05 HIROSE-FH19SC-06S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19SC-08S-0.5SH05 HIROSE-FH19SC-08S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19SC-09S-0.5SH05 HIROSE-FH19SC-09S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results

Similar Description - FH19S-14S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33-28S-0.5SH HIROSE-FH33-28S-0.5SH Datasheet
390Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
   0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH23 HIROSE-FH23 Datasheet
308Kb / 11P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH23-15S-0.3SHW HIROSE-FH23-15S-0.3SHW Datasheet
644Kb / 10P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com