Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH12A-28S-0.5SH Datasheet(PDF) 10 Page - Hirose Electric

Part # FH12A-28S-0.5SH
Description  0.5mm and 1mm Pitch Connectors For FPC/FFC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH12A-28S-0.5SH Datasheet(HTML) 10 Page - Hirose Electric

Back Button FH12A-28S-0.5SH Datasheet HTML 2Page - Hirose Electric FH12A-28S-0.5SH Datasheet HTML 3Page - Hirose Electric FH12A-28S-0.5SH Datasheet HTML 4Page - Hirose Electric FH12A-28S-0.5SH Datasheet HTML 5Page - Hirose Electric FH12A-28S-0.5SH Datasheet HTML 6Page - Hirose Electric FH12A-28S-0.5SH Datasheet HTML 7Page - Hirose Electric FH12A-28S-0.5SH Datasheet HTML 8Page - Hirose Electric FH12A-28S-0.5SH Datasheet HTML 9Page - Hirose Electric FH12A-28S-0.5SH Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
15
D
E
Unit:mm
CL No.
Part Number
586-0550-9
586-0696-4
586-0551-1
586-0552-4
586-0553-7
586-0554-0
586-0686-0
586-0555-2
586-0663-5
586-0725-0
586-0585-3
586-0556-5
586-0687-3
586-0570-6
586-0670-0
586-0662-2
586-0557-8
586-0698-0
586-0558-0
586-0559-3
FH12A-10S-0.5SH
FH12A-12S-0.5SH
FH12A-15S-0.5SH
FH12A-16S-0.5SH
FH12A-18S-0.5SH
FH12A-20S-0.5SH
FH12A-22S-0.5SH
FH12A-24S-0.5SH
FH12A-26S-0.5SH
FH12A-28S-0.5SH
FH12A-29S-0.5SH
FH12A-30S-0.5SH
FH12A-32S-0.5SH
FH12A-33S-0.5SH
FH12A-34S-0.5SH
FH12A-36S-0.5SH
FH12A-40S-0.5SH
FH12A-42S-0.5SH
FH12A-45S-0.5SH
FH12A-50S-0.5SH
Number of Contacts
10
12
15
16
18
20
22
24
26
28
29
30
32
33
34
36
40
42
45
50
A
B
9.1
10.1
11.6
12.1
13.1
14.1
15.1
16.1
17.1
18.1
18.6
19.1
20.1
20.6
21.1
22.1
24.1
25.1
26.6
29.1
8.35
9.35
10.85
11.35
12.35
13.35
14.35
15.35
16.35
17.35
17.85
18.35
19.35
19.85
20.35
21.35
23.35
24.35
25.85
28.35
C
4.5
5.5
7.0
7.5
8.5
9.5
10.5
11.5
12.5
13.5
14.0
14.5
15.5
16.0
16.5
17.5
19.5
20.5
22.0
24.5
9.5
10.5
12.0
12.5
13.5
14.5
15.5
16.5
17.5
18.5
19.0
19.5
20.5
21.0
21.5
22.5
24.5
25.5
27.0
29.5
5.57
6.57
8.07
8.57
9.57
10.57
11.57
12.57
13.57
14.57
15.07
15.57
16.57
17.07
17.57
18.57
20.57
21.57
23.07
25.57
s0.5mm Pitch Top Contact Type
0.5
0.8
1.45
6.2
2
FPC/FFC Contact Surface
Mated Cross-sectional Diagram
(1.45)
(1.9)
(5)
(0.45)
(0.2)
A
B
C
D
E
Note 1 : Embossed tape reel packaging (2,000 pieces/reel).
Order by number of reels.
Note
: The design is such that the FPC/FFC protrudes on an upward angle so that other
parts can be mounted beneath the PFC/FFC. In view of this, please take note of the
gap at the top surface of the connector.
2


Similar Part No. - FH12A-28S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12A-28S-0.5SH HIROSE-FH12A-28S-0.5SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12A-28S-0.5SH HIROSE-FH12A-28S-0.5SH Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results

Similar Description - FH12A-28S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH52 HIROSE-FH52 Datasheet
603Kb / 20P
   0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
List of Unclassifed Man...
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
   FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
logo
JST Mfg. Co., Ltd.
FWG JST-FWG Datasheet
251Kb / 4P
   0.5mm pitch/Disconnectable Crimp style connectors/Connector for FPC and FFC
logo
List of Unclassifed Man...
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com