Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX5-40S2A-DSAL Datasheet(PDF) 3 Page - Hirose Electric

Part # FX5-40S2A-DSAL
Description  1mm Pitch Connector for Vertical Connection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX5-40S2A-DSAL Datasheet(HTML) 3 Page - Hirose Electric

  FX5-40S2A-DSAL Datasheet HTML 1Page - Hirose Electric FX5-40S2A-DSAL Datasheet HTML 2Page - Hirose Electric FX5-40S2A-DSAL Datasheet HTML 3Page - Hirose Electric FX5-40S2A-DSAL Datasheet HTML 4Page - Hirose Electric FX5-40S2A-DSAL Datasheet HTML 5Page - Hirose Electric FX5-40S2A-DSAL Datasheet HTML 6Page - Hirose Electric FX5-40S2A-DSAL Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
A208
FX5-20P-SH
575-0001-7
20
9
24
22.9
19
9.5
20
13.6
FX5-20P-SH3
575-0041-1
FX5-40P-SH
575-0005-8
40
19
34
32.9
29
19.5
30
23.6
FX5-40P-SH3
575-0045-2
FX5-52P-SH
575-0006-0
52
25
40
38.9
35
25.5
36
29.6
FX5-52P-SH3
575-0046-5
FX5-56P-SH3
575-1001-2
56
27
42
40.9
37
27.5
38
31.6
FX5-68P-SH
575-0008-6
68
33
48
46.9
43
33.5
44
37.6
FX5-68P-SH3
575-0048-0
FX5-80P-SH
575-0009-9
80
39
54
52.9
49
39.5
50
43.6
FX5-80P-SH3
575-0049-3
b2
a2
a2
b2
1
A
a1
b1
a*
b*
Polarity Mark
D±0.3
B±0.3
0.5
E
F±0.3
a1
b1
b*
a*
C±0.5
1
0
_0.2
2.5±0.3
1.4±0.3
( Ø1.3 )
t0.2±0.05∞w0.2±0.05
2_Ø2.3±0.15
G±0.1
a2
b2
a2
b2
1
A
C±0.5
a1
b1
a*
b*
Polarity Mark
D±0.3
B±0.3
0.5
E
F±0.3
a1
b1
b*
a*
( Ø1.3 )
t0.2±0.05∞w0.2±0.05
G±0.1
2_Ø2.3±0.15
1
0
_0.2
2.5±0.3
1.4±0.3
* == (number of contacts)/2
Unit: mm
Part Number
CL No.
Number of Contacts
AB
C
D
E
F
G
sHeader
High profile
Low profile


Similar Part No. - FX5-40S2A-DSAL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FX5-4LC MITSUBISHI-FX5-4LC Datasheet
381Kb / 2P
   MELSEC iQ-F FX5-4LC
2017
More results

Similar Description - FX5-40S2A-DSAL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
logo
Hirose Electric
FH21-5S-1DS HIROSE-FH21-5S-1DS Datasheet
104Kb / 4P
   1mm Pitch FPC/FFC Connector
logo
FCI connector
SLW22R-1C7LF FCI-CONNECTOR-SLW22R-1C7LF Datasheet
742Kb / 9P
   CART NO. TABLE FOR 1mm SPACING CONNECTOR
SLW24R-1C7LF FCI-CONNECTOR-SLW24R-1C7LF Datasheet
742Kb / 9P
   CAT NO. TABLE FOR 1mm SPACING CONNECTOR
logo
ALPS ELECTRIC CO.,LTD.
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
   1mm-travel Compact-sized Vertical Type
SPPH2 ALPS-SPPH2 Datasheet
214Kb / 3P
   1mm-travel Compact-sized Vertical Type
logo
Harwin Plc
M300-MV30645M1 HARWIN-M300-MV30645M1 Datasheet
84Kb / 1P
   1mm POWER CONNECTOR DIL VERTICAL PC TAIL MALE ASSEMBLY
M300-MV31045M1 HARWIN-M300-MV31045M1 Datasheet
88Kb / 1P
   1mm POWER CONNECTOR DIL VERTICAL PC TAIL MALE ASSEMBLY
M300-FV1034500 HARWIN-M300-FV1034500 Datasheet
79Kb / 1P
   1mm POWER CONNECTOR SIL VERTICAL PC TAIL FEMALE ASSEMBLY
M300-FV3064500 HARWIN-M300-FV3064500 Datasheet
90Kb / 1P
   1mm POWER CONNECTOR SIL VERTICAL PC TAIL FEMALE ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com