Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX8-90S-SV Datasheet(PDF) 1 Page - Hirose Electric

Part # FX8-90S-SV
Description  0.6mm Pitch Stacking Height 3mm to 16mm Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX8-90S-SV Datasheet(HTML) 1 Page - Hirose Electric

  FX8-90S-SV Datasheet HTML 1Page - Hirose Electric FX8-90S-SV Datasheet HTML 2Page - Hirose Electric FX8-90S-SV Datasheet HTML 3Page - Hirose Electric FX8-90S-SV Datasheet HTML 4Page - Hirose Electric FX8-90S-SV Datasheet HTML 5Page - Hirose Electric FX8-90S-SV Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
A226
0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8, FX8C Series
sFeatures
1. Stacking Height 3mm to 16mm available
The board to board stacking height can correspond to
3mm~16mm.
2. SMT Coplanarity
The coplanarity of the SMT solder area lead is maintained at
the high accuracy of less than 0.1mm.
3. Mating Guide
The very small and guide rib is provided, and secures ±0.6mm
self-alignment, considering the mating operativity into accounts.
4. Mis-insertion Prevention
The boss prevents mis-insertion in the board to cause due to
the boss position and boss diameter.
5. Two-piece Connection Product
In order to enhance the mating reliability for the fine pitch
connector using two-pieces, the two-pieces of connectors are
combined by our unique method, and can secure the mount
position accuracy. In such a new concept, the two-piece
connected product is prepared at every number of contacts
(The standard mating pitch for the two-piece interconnected
product in two rows is 11mm.)
sApplications
Note pc, business equipments, which require miniaturization or light-weight
FX8 Series
Note that FX8 series and FX8C series are not mated with each other.
FX8C Series
qStacking Height 5 to 16mm-FX8C Series
qStacking Height 3,4mm-FX8 Series
3,4mm
5 to 16mm


Similar Part No. - FX8-90S-SV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
FX8-120S-SV AD-FX8-120S-SV Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
FX8-120S-SV(21) AD-FX8-120S-SV(21) Datasheet
558Kb / 12P
   Evaluation Board User Guide
REV. A
logo
Hirose Electric
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
More results

Similar Description - FX8-90S-SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8C-60P-SV HIROSE-FX8C-60P-SV Datasheet
422Kb / 11P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
BM50 HIROSE-BM50 Datasheet
384Kb / 11P
   0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector
Mar. 2022
FX6-20P-0.8SV HIROSE-FX6-20P-0.8SV Datasheet
415Kb / 8P
   0.8mm Pitch Stacking Height 5 to 9mm Connector
FX4C-20P-1.27DSA HIROSE-FX4C-20P-1.27DSA Datasheet
477Kb / 7P
   Stacking Height 5 to 11mm Half Pitch Connector
logo
DDK Ltd.
DFW-PAV20-98-3A DDK-DFW-PAV20-98-3A Datasheet
280Kb / 3P
   0.6mm Pitch Floating Connector
logo
Everlight Electronics C...
Y2C-FN1P1VZ EVERLIGHT-Y2C-FN1P1VZ Datasheet
161Kb / 10P
   Chip LED (0.6mm Height)
BHW-ZMNQY EVERLIGHT-BHW-ZMNQY Datasheet
217Kb / 10P
   Chip LED (0.6mm Height)
R6C-AM2P1VY EVERLIGHT-R6C-AM2P1VY Datasheet
222Kb / 10P
   Chip LED(0.6mm Height)
logo
Japan Aviation Electron...
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com