Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRS06 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CRS06
Description  TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CRS06 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CRS06_13 Datasheet HTML 1Page - Toshiba Semiconductor CRS06_13 Datasheet HTML 2Page - Toshiba Semiconductor CRS06_13 Datasheet HTML 3Page - Toshiba Semiconductor CRS06_13 Datasheet HTML 4Page - Toshiba Semiconductor CRS06_13 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CRS06
2013-11-01
2
Marking
Abbreviation Code
Part No.
S6
CRS06
Standard Soldering Pad
Handling Precaution
Schottky barrier diodes have reverse current characteristic compared to the other diodes.
There is a possibility SBD may cause thermal runaway when it is used under high temperature or high voltage.
This device is VF-IRRM trade-off type, lower VF higher IRRM; therefore, thermal runaway might occur when
voltage is applied. Please take forward and reverse loss into consideration during design.
The absolute maximum ratings denote the absolute maximum ratings, which are rated values and must not be
exceeded during operation, even for an instant. The following are the general derating methods that we recommend
when you design a circuit with a device.
VRRM: Use this rating with reference to the above. VRRM has a temperature coefficient of 0.1%/°C. Take
this temperature coefficient into account designing a device at low temperature.
IF(AV): We recommend that the worst case current be no greater than 80% of the absolute maximum rating
of IF(AV) and Tj be below 100°C. When using this device, take the margin into consideration by
using an allowable Ta max - IF(AV) curve.
IFSM:
This rating specifies the non-repetitive peak current. This is only applied for an abnormal operation,
which seldom occurs during the lifespan of the device.
Tj:
Derate this rating when using a device in order to ensure high reliability. We recommend that the
device be used at a Tj of below 100°C.
Thermal resistance between junction and ambient fluctuates depending on the device’s mounting condition. When
using a device, please design a circuit board and a soldering land size to match the appropriate thermal resistance
value.
Please refer to the Rectifiers Databook for further information.
2.8
1.2
1.2
Unit: mm


Similar Part No. - CRS06_13

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CRS0603 WILLOW-CRS0603 Datasheet
255Kb / 2P
   Miniature/Standard Chip Resistors
logo
Riedon Powertron
CRS0603 RIEDON-CRS0603 Datasheet
274Kb / 2P
   Thick Film Chip Resistors
logo
RHOPOINT COMPONENTS
CRS0603 RHOPOINT-CRS0603 Datasheet
46Kb / 2P
   Standard Chip Resistors
logo
Riedon Powertron
CRS0603 RIEDON-CRS0603 Datasheet
176Kb / 2P
   Thick Film Chip Resistors
CRS06031OHM RIEDON-CRS06031OHM Datasheet
176Kb / 2P
   Thick Film Chip Resistors
More results

Similar Description - CRS06_13

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U3FWK42 TOSHIBA-U3FWK42 Datasheet
141Kb / 4P
   TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
CRS01 TOSHIBA-CRS01_13 Datasheet
188Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS10I30A TOSHIBA-CRS10I30A Datasheet
197Kb / 6P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS15I30A TOSHIBA-CRS15I30A Datasheet
178Kb / 6P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
U1FWJ44M TOSHIBA-U1FWJ44M Datasheet
152Kb / 4P
   TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
CMS08 TOSHIBA-CMS08 Datasheet
122Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS03 TOSHIBA-CMS03 Datasheet
129Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS05 TOSHIBA-CMS05_13 Datasheet
169Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS20I30A TOSHIBA-CRS20I30A Datasheet
175Kb / 6P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS11 TOSHIBA-CMS11 Datasheet
136Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS04 TOSHIBA-CMS04_13 Datasheet
176Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com