Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT10-16DP-R Datasheet(PDF) 6 Page - Hirose Electric

Part # GT10-16DP-R
Description  Subminiature ECU Interface Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT10-16DP-R Datasheet(HTML) 6 Page - Hirose Electric

  GT10-16DP-R Datasheet HTML 1Page - Hirose Electric GT10-16DP-R Datasheet HTML 2Page - Hirose Electric GT10-16DP-R Datasheet HTML 3Page - Hirose Electric GT10-16DP-R Datasheet HTML 4Page - Hirose Electric GT10-16DP-R Datasheet HTML 5Page - Hirose Electric GT10-16DP-R Datasheet HTML 6Page - Hirose Electric GT10-16DP-R Datasheet HTML 7Page - Hirose Electric GT10-16DP-R Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
BRecommended Board Mounting Pattern
BMounted and fully mated connector assemblies
Part Number
CL No.
Item
Material
Finish
Color
GT10-16DP-DS 760-0001-4
Housing
PBT
----
Light gray
Terminal
Brass
Tin plating
----
Note: Use mounting screws of M3 with nominal diameter 3L-6 (for a board thickness of 1.6mm).
Board Type
Board
Note


Similar Part No. - GT10-16DP-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GT10 ETC2-GT10 Datasheet
168Kb / 2P
   PNEUMATIC TURBINE VIBRATIORS
logo
Vishay Siliconix
GT100DA120U VISHAY-GT100DA120U Datasheet
177Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
Revision: 22-Jul-10
GT100DA120U VISHAY-GT100DA120U Datasheet
176Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
02-Oct-12
GT100DA60U VISHAY-GT100DA60U Datasheet
175Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
Revision: 22-Jul-10
GT100DA60U VISHAY-GT100DA60U Datasheet
178Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
02-Oct-12
More results

Similar Description - GT10-16DP-R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT12-2022PCF HIROSE-GT12-2022PCF Datasheet
109Kb / 4P
   2 mm Pitch, Miniature ECU Connectors
DN10-26S HIROSE-DN10-26S Datasheet
369Kb / 8P
   DN SERIES-NEW D SUBMINIATURE INTERFACE CONNECTORS
logo
Kyocera Kinseki Corpota...
CX-49F KSS-CX-49F Datasheet
153Kb / 1P
   For ECU.
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com