Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRS15 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # CRS15
Description  TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CRS15 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  CRS15_13 Datasheet HTML 1Page - Toshiba Semiconductor CRS15_13 Datasheet HTML 2Page - Toshiba Semiconductor CRS15_13 Datasheet HTML 3Page - Toshiba Semiconductor CRS15_13 Datasheet HTML 4Page - Toshiba Semiconductor CRS15_13 Datasheet HTML 5Page - Toshiba Semiconductor CRS15_13 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CRS15
2013-11-01
4
0
40
160
20
60
120
100
80
α = 60°
120°
DC
180°
140
0.0
1.2
2.4
0.6
1.8
3.0
3.6
0
40
160
20
60
120
100
80
α = 60°
120°
DC
180°
140
0.0
1.2
2.4
0.6
1.8
3.0
3.6
10
1
100
1000
0.001
0.01
0.1
1
10
100
3
5
30
50
300
500
Instantaneous forward voltage vF
(V)
iF – vF
Average forward current IF (AV) (A)
Average forward current IF (AV) (A)
Ta max – IF (AV)
Ceramic substrate (substrate size:
50 mm
× 50 mm, soldering land: 2 mm × 2 mm)
Average forward current IF (AV) (A)
Average forward current IF (AV) (A)
Tℓ max – IF (AV)
PF (AV) – IF (AV)
Ta max – IF (AV)
Glass-epoxy substrate (substrate size:
50 mm
× 50 mm, soldering land: 6 mm × 6 mm)
Device mounted on a ceramic board:
board size: 50 mm
× 50 mm
Soldering land: 2.0 mm
× 2.0 mm
board thickness: 0.64 mm
Device mounted on a glass-epoxy board:
board size: 50 mm
× 50 mm
Soldering land: 6.0 mm
× 6.0 mm
board thickness: 1.6 mm
Time t (s)
rth (j-a) – t
10
0
0.3
0.1
0.2
0.8
0.6
0.4
0.5
0.7
1
0.1
0.01
0.3
0.03
3
Tj = 150°C
75°C
25°C
125°C
360°
α
VR = 15 V
IF (AV)
Conduction angle
α
Rectangular waveform
360°
α
VR = 15 V
IF (AV)
Conduction angle
α
Rectangular waveform
360°
α
VR = 15 V
IF (AV)
Conduction angle
α
Rectangular waveform
0
40
160
20
60
120
100
80
α = 60°
120°
DC
180°
140
0.0
1.2
2.4
0.6
1.8
3.0
3.6
0.0
0
0.2
0.8
1.2
2.4
0.6
0.6
1.8
0.4
α = 60°
120°
DC
180°
3.0
1.2
1.0
3.6
360°
α
Conduction angle
α
Rectangular
waveform
1.4


Similar Part No. - CRS15_13

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
CRS1575 OHMITE-CRS1575 Datasheet
784Kb / 2P
   Avaliable in two sizes ARCOLs CRS utilises Electron Beam
CRS1575 OHMITE-CRS1575 Datasheet
784Kb / 2P
   Excellent long-term stability and low inductance
logo
Toshiba Semiconductor
CRS15I30A TOSHIBA-CRS15I30A Datasheet
178Kb / 6P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS15I30B TOSHIBA-CRS15I30B Datasheet
176Kb / 7P
   Schottky Barrier Diode
CRS15I40A TOSHIBA-CRS15I40A Datasheet
286Kb / 7P
   Schottky Barrier Diode
More results

Similar Description - CRS15_13

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U3FWK42 TOSHIBA-U3FWK42 Datasheet
141Kb / 4P
   TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
CRS01 TOSHIBA-CRS01_13 Datasheet
188Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS10I30A TOSHIBA-CRS10I30A Datasheet
197Kb / 6P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS15I30A TOSHIBA-CRS15I30A Datasheet
178Kb / 6P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
U1FWJ44M TOSHIBA-U1FWJ44M Datasheet
152Kb / 4P
   TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
CMS08 TOSHIBA-CMS08 Datasheet
122Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS03 TOSHIBA-CMS03 Datasheet
129Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS05 TOSHIBA-CMS05_13 Datasheet
169Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS20I30A TOSHIBA-CRS20I30A Datasheet
175Kb / 6P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS11 TOSHIBA-CMS11 Datasheet
136Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS04 TOSHIBA-CMS04_13 Datasheet
176Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com