Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT17V-6DS-R Datasheet(PDF) 7 Page - Hirose Electric

Part # GT17V-6DS-R
Description  Antenna, Sensor, and Communications Trunk Line Connections
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT17V-6DS-R Datasheet(HTML) 7 Page - Hirose Electric

Back Button GT17V-6DS-R Datasheet HTML 2Page - Hirose Electric GT17V-6DS-R Datasheet HTML 3Page - Hirose Electric GT17V-6DS-R Datasheet HTML 4Page - Hirose Electric GT17V-6DS-R Datasheet HTML 5Page - Hirose Electric GT17V-6DS-R Datasheet HTML 6Page - Hirose Electric GT17V-6DS-R Datasheet HTML 7Page - Hirose Electric GT17V-6DS-R Datasheet HTML 8Page - Hirose Electric GT17V-6DS-R Datasheet HTML 9Page - Hirose Electric GT17V-6DS-R Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Part Number
GT17-8DS-2C
CL No.
767-0005-0
Material
Packaging
1
PBT
Color
Dark gray
Part Number
GT17-8DS-SC
CL No.
767-0006-2
Material
Packaging
1
Brass
Finish
Tin plating
Part Number
GT17-8DS-7CF
CL No.
767-0007-5
Material
Packaging
1
Phosphor bronze
Finish
Tin plating
Outer Diameter
6.8 to 7.2 mm
Note: The crimping conditions will differ depending on the construction and material of the cable. In view of this, please make arrangements to ascertain
whether crimping is possible for each cable.
Note: Applicable Cable will have an Insulator diameter of 0.7 to 1.3 mm.
F Connectors (8-Conductor Type)
Insulator
Outer terminals
Shield Cover
105


Similar Part No. - GT17V-6DS-R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT17V-6DS-R HIROSE-GT17V-6DS-R Datasheet
1Mb / 47P
   All surface shielded construction.
More results

Similar Description - GT17V-6DS-R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT3-16DP-2.5DSA HIROSE-GT3-16DP-2.5DSA Datasheet
207Kb / 6P
   Antenna, Sensor, and Communications Trunk Line Connections
GT8-2428SCF HIROSE-GT8-2428SCF Datasheet
94Kb / 4P
   Antenna, Sensor, and Communications Trunk Line Connections
logo
PHOENIX CONTACT
2316022 PHOENIX-2316022 Datasheet
148Kb / 4P
   Foundation Fieldbus and PROFIBUS PA segment protection with Trunk In and Trunk Out connections (preinstalled mechanical terminator) and additional terminal connections for 2 spurs connected to fieldbus end devices.
logo
Analog Devices
ADE8167 AD-ADE8167 Datasheet
61Kb / 2P
   Power Line Communications
Rev. PrA
logo
Epson Company
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
   Ease of use and easy connections (serial connections)
S1R72U01 EPSON-S1R72U01 Datasheet
505Kb / 32P
   Ease of use and easy connections (serial connections)
logo
Taoglas antenna solutio...
FXR07A TAOGLAS-FXR07A Datasheet
6Mb / 10P
   Circular Near-Field Communications Antenna
logo
Maxim Integrated Produc...
MAX4885EEVKIT MAXIM-MAX4885EEVKIT Datasheet
190Kb / 8P
   VGA Connections and Power
Rev 0; 1/09
logo
Texas Instruments
OPA521 TI1-OPA521 Datasheet
323Kb / 22P
[Old version datasheet]   Narrowband Power Line Communications Line Driver
logo
List of Unclassifed Man...
FXR01070100CA ETC2-FXR01070100CA Datasheet
1Mb / 9P
   Flexible Near-Field Communications Reader Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com