Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSA3469E Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NSA3469E
Description  Ultralow Power-Driven Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NSA3469E Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NSA3469E Datasheet HTML 1Page - NIHON DEMPA KOGYO NSA3469E Datasheet HTML 2Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Crystal Clock Oscillator
1510B_NZ2520SF_e
Absolute maximum rating
Supply Voltage (VCC) –0.5 to +4.0 V
Storage Temperature Range –55 to +125 °C
NZ2520SF
Ultralow Power-Driven Type
● For Portable equipment (ex. Mobile Phone, Digital Media Player, PND,
Notebook PC, etc)
Application
Item
Model
NZ2520SF
Output Level
CMOS
Nominal Frequency Range
(MHz)
1.5 to 50
Overall Frequency Tolerance
(×10–6)
±50
±30
Operating Temperature Range
(°C)
–40 to +85
–10 to +70
Supply Voltage
(V)
+0.9 to +1.5
Current
Consumption
Max.
During Operation +25 °C
(mA)
1.5 to 6.0
During Standby
+25 °C
(μA)
100
VOL Max. / VOH Min.
(V)
0.1 VCC/0.9 VCC
Tr Max. / Tf Max.
(ns)
5/5
Symmetry Min. to Max.
(%)
45 to 55
Load (CL) Max.
(pF)
15
Start-up Time Max.
(ms)
4
Standby function
Available (Three-state)
Specifications
● Ultralow power-driven (Min. +0.8V) crystal clock oscillator, ideal for mobile devices.
● Compact and light. Dimensions : 2.5 x 2.0 x 0.9 mm, weight : 0.02 g.
● Wide frequency range : 1.5 to 50MHz
● Taped units enable automatic mounting and IR Reflow (lead free) is possible.
● Lead-free.
Features
mm
2.50±0.10
1.65±0.1
0.8±0.1
#1
#2
#3
#4
0.6
Mount an approx. 0.01 F bypass capacitor between VCC and GND
(close to the product)
Terminal land connections
#1
#2
#3
#4
STAND-BY
GND
OUTPUT
VCC
Land pattern (Typical)
Cby=0.01F
1.65
1.0
#4
#3
#2
#1
Dimensions
#1 Input
#3 Output
Level H (0.7 VCC ≤ VIH ≤ VCC)
or OPEN is selected.
Oscillation output ON
Level L (VIL ≤ 0.3 VCC) is selected.
High impedance
Standby Function
0.9VCC
1/2VCC
0.1VCC
Tr
Tf
VOH
VOL
t
T
0V
Symmetry = t/T × 100
[%]
Output Waveform <CMOS>
VCC
VCC
VCC


Similar Part No. - NSA3469E

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NSA3469E NDK-NSA3469E Datasheet
860Kb / 2P
   Ultralow Power-Driven Type
More results

Similar Description - NSA3469E

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NZ2520SF NDK-NZ2520SF_18 Datasheet
860Kb / 2P
   Ultralow Power-Driven Type
NZ2016SF NDK-NZ2016SF_18 Datasheet
858Kb / 2P
   Ultralow Power-Driven Type
NZ2016SF NDK-NZ2016SF Datasheet
761Kb / 2P
   Ultralow Power-Driven Type
NZ3225SF NDK-NZ3225SF Datasheet
732Kb / 2P
   Ultralow Power-Driven Type
NZ3225SF NDK-NZ3225SF_18 Datasheet
828Kb / 2P
   Ultralow Power-Driven Type
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168 Datasheet
284Kb / 5P
   Rotary Motor-driven Type
logo
Texas Instruments
TLV704 TI1-TLV704_16 Datasheet
896Kb / 22P
[Old version datasheet]   Ultralow Power Microcontrollers
ADS41B29 TI1-ADS41B29 Datasheet
2Mb / 59P
[Old version datasheet]   Ultralow-Power ADCs
logo
List of Unclassifed Man...
PL8332 ETC2-PL8332 Datasheet
475Kb / 2P
   Ultralow power consumption
logo
Linear Technology
LTC1443 LINER-LTC1443_12 Datasheet
233Kb / 14P
   Ultralow Power Quad
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com