Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF3-14P-2C Datasheet(PDF) 3 Page - Hirose Electric

Part # DF3-14P-2C
Description  2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF3-14P-2C Datasheet(HTML) 3 Page - Hirose Electric

  DF3-14P-2C Datasheet HTML 1Page - Hirose Electric DF3-14P-2C Datasheet HTML 2Page - Hirose Electric DF3-14P-2C Datasheet HTML 3Page - Hirose Electric DF3-14P-2C Datasheet HTML 4Page - Hirose Electric DF3-14P-2C Datasheet HTML 5Page - Hirose Electric DF3-14P-2C Datasheet HTML 6Page - Hirose Electric DF3-14P-2C Datasheet HTML 7Page - Hirose Electric DF3-14P-2C Datasheet HTML 8Page - Hirose Electric DF3-14P-2C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
A255
Rating
Current rating
Note 1
Crimping
IDC
Voltage rating AC100V Crimping
IDC
Wire size
Wire size
Press-fit: 250V AC
AWG 22 to 24:3A
AWG 26
:2A
AWG 28
:1A
AWG 26, 28:1A
Press-connect: 100V AC
Operating Temperature Range
Operating Humidity Range
Storage Temperature Range
Storagg Humidity Range
-30ç to +85ç Note 2.
40% to 80%
-10ç to +60ç Note 3.
40% to 70%
sUL CSA Safety Standard File No.
UL
:E52653
CSA
:LR95109
sUL CSA Acquisition Objective Item
1DF3-*S-2C
2DF3/3A-*P-2DSA/DS
3DF3/DF3AA-*EP-2C
4DF3-*S-2R26/28
5DF3-*P-2H
Rated Current
Rated Voltage
UL-CSA Safety Standard and Approved specification
30V AC
Wire size
AWG 24 to 28: 1A
Rating
Item
Specification
Condition
1. Insulation Resistance
1000M ohms min.
500V DC
2. Withstanding voltage
No flashover or insulation breakdown.
650V AC/1 minute
3. Contact Resistance
30m ohms max
100mA
4. Single Insertor/Extraction Force MIN0.3N (30gf), MAX4.4N(450gf)
Measure by the square steel pin with 0.5±0.002mm
5. Vibration
No electrical discontinuity of 1µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
6.
Humidity (Steady state) Contact resistance: 30m ohms max.Insulation resistance: 500M ohms min.
96 hours at temperature of 40ç and humidity of 90% to 95%
7. Temperature Cycle
Contact resistance: 30m ohms max.:Insulation resistance: 1000M ohms min.
(-55ç: 30 minutes 5 to 35ç: 10 minutes 85ç: 30 minutes 5 to 35ç: 10minutes) 5 cycles
8. Durability (Mating/un-mating) Contact resistance: 30m ohms max.
Tin plating: 30 cycles Gold plating: 50 cycles
9. Resistance to Soldering Heat
No deformation of components affecting performance.
Flow: 250ç for 10 seconds Manual soldering: 300ç for 2 seconds
Reflow: At the recommended temperature profile Manual soldering: 300ç for 3 seconds
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
sMaterial
sProduct Specifications
Product
Part
Materia
Finish
Remarks
Crimping Socket
Insulator
Polyamide
Black
UL94V-0
IDC Contact for Socket
Contact
Phosphor bronze
Tin plated or gold plated
–––––––
ID Socket
Insulator
Polyamide
Black
UL94V-0
Contact
Phosphor bronze
Tin plated or gold plated
–––––––
Receptacle
Insulator
Polyamide
Black
UL94V-0
Contact
Phosphor bronze
Tin plated or gold plated
–––––––
Pin Header
Insulator
Polyamide
Black
UL94V-0
Contact
Brass
Tin plated or gold plated
–––––––
Insulator
Polyamide
Beige
UL94V-0
SMT Pin Header
Contact
Phosphor bronze
Tin plated or gold plated
–––––––
Metal tab
Brass
Tin plated
–––––––
In-line Plug
Insulator
Polyamide
Black
UL94V-0
In-line IDC Contact
Contact
Phosphor bronze
Tin plated or gold plated
–––––––
In-line Adapter
Insulator
Polyamide
Black
UL94V-0
Contact
Brass
Tin plated
–––––––
Note:HRS's tin plating takes actions against whisker.


Similar Part No. - DF3-14P-2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF3-14P-2DS01 ETC2-DF3-14P-2DS01 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
Hirose Electric
DF3-14P-2DSA(01) HIROSE-DF3-14P-2DSA(01) Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-14P-2DSA(01) HIROSE-DF3-14P-2DSA(01) Datasheet
683Kb / 14P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3-14P-2DSA01 ETC2-DF3-14P-2DSA01 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results

Similar Description - DF3-14P-2C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2428SC HIROSE-DF3-2428SC Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3 HIROSE-DF3 Datasheet
683Kb / 14P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3DZ-2P-2H51 HIROSE-DF3DZ-2P-2H51 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3Z-3P-2V20 HIROSE-DF3Z-3P-2V20 Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3Z-5P-2V ETC2-DF3Z-5P-2V Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
Hirose Electric
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-34DEP-2.5RC MURATA-DF1B-34DEP-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com