Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1345174 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1345174
Description  RG-402/U type 19 AWG solid .036 silver-plated copper-covered steel conductor, TFE Teflon insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1345174 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1345174 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1345174 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1345174 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1345174 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5000
118.116
10000
177.174
20000
275.604
Nom. Power Rating:
Freq. (MHz) Rating (W)
500
600
1000
401
2000
268
3000
211
5000
157
7000
129
10000
105
15000
83
18000
74
20000
70
Max. Operating Voltage - UL:
Voltage
30 V RMS
Max. Operating Voltage - Non-UL:
Voltage
1900 V RMS
Misc. Information (Overall)
Notes (Overall)
Notes: US Patents 4, 694, 122 & 5, 293, 001. Patent held in the U.S., Singapore, Australia, Germany, France, and England. Patent
pending in Japan. Teflon® is a registered trademark of E. I. duPont de Nemours and Co. used under license by Belden, Inc.
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
1673A TIN100
30 MT
1.406 KG
TIN - COLOR
C
#19 TFE BRD TINNED COAX
1673A TIN250
76 MT
3.289 KG
TIN - COLOR
C V
#19 TFE BRD TINNED COAX
1673A TIN50
15 MT
0.816 KG
TIN - COLOR
#19 TFE BRD TINNED COAX
1673A TIN500
152 MT
6.350 KG
TIN - COLOR
#19 TFE BRD TINNED COAX
Notes:
C = CRATE REEL PUT-UP.
V = 250' PUT-UP EXACT LENGTH MAXIMUM OF 3 PIECESMINIMUM LENGTH 50'500' PUT-UP EXACT LENGTH MAXIMUM OF 5 PIECESMINIMUM LENGTH 50'
Revision Number: 2
Revision Date: 09-30-2009
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 3 of 4
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
1673A Coax - 50 Ohm Microwave Cable


Similar Part No. - 1345174

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345178 ETC2-1345178 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs
More results

Similar Description - 1345174

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1673A ETC2-1673A Datasheet
88Kb / 3P
   RG-402/U type, 19 AWG solid .036 silver-plated copper-covered steel conductor
83265 ETC2-83265 Datasheet
37Kb / 3P
   30 AWG stranded (7x38) .012 silver-plated copper-covered steel conductor, TFE PTFE insulation
83264 ETC2-83264 Datasheet
101Kb / 3P
   30 awg stranded (7x38) .012 silver-plated copper-covered steel conductor
1345870 ETC2-1345870 Datasheet
95Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon.
1682729 ETC2-1682729 Datasheet
98Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1748282 ETC2-1748282 Datasheet
100Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon.
1682731 ETC2-1682731 Datasheet
104Kb / 3P
   26 AWG stranded (7x34) .020 silver-plated copper-covered steel conductor
1351320 ETC2-1351320 Datasheet
101Kb / 3P
   26 AWG stranded (7x34) .020 silver-plated copper-covered steel conductor
83284 ETC2-83284 Datasheet
100Kb / 3P
   26 AWG stranded (7x34) .020 silver-plated copper-covered steel conductor
1344547 ETC2-1344547 Datasheet
95Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com