Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF18B-120DP-0.4V Datasheet(PDF) 5 Page - Hirose Electric

Part # DF18B-120DP-0.4V
Description  0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF18B-120DP-0.4V Datasheet(HTML) 5 Page - Hirose Electric

  DF18B-120DP-0.4V Datasheet HTML 1Page - Hirose Electric DF18B-120DP-0.4V Datasheet HTML 2Page - Hirose Electric DF18B-120DP-0.4V Datasheet HTML 3Page - Hirose Electric DF18B-120DP-0.4V Datasheet HTML 4Page - Hirose Electric DF18B-120DP-0.4V Datasheet HTML 5Page - Hirose Electric DF18B-120DP-0.4V Datasheet HTML 6Page - Hirose Electric DF18B-120DP-0.4V Datasheet HTML 7Page - Hirose Electric DF18B-120DP-0.4V Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Part Number
DF18D-20DP-0.4V (51)
DF18D-30DP-0.4V (51)
CL No.
684-0029-5-51
684-0030-4-51
Number of Contacts
20
30
A
5.56
7.56
B
4.24
6.24
C
4.40
6.40
D
7.20
9.20
E
6.60
8.60
Plugs (with metal hold-down terminals, increased Removal Force)
Part Number
DF18C - 60DP-0.4V (51)
DF18C - 70DP-0.4V (51)
DF18C - 80DP-0.4V (51)
DF18C-100DP-0.4V (51)
DF18C-120DP-0.4V (51)
CL No.
684-0010-7-51
684-0028-2-51
684-0011-0-51
684-0012-2-51
684-0014-8-51
Number of Contacts
60
70
80
100
120
A
13.56
15.56
17.56
21.56
25.56
B
12.24
14.24
16.24
20.24
24.24
C
12.40
14.40
16.40
20.40
24.40
D
15.20
17.20
19.20
23.20
27.20
E
14.60
16.60
18.60
22.60
26.60
Part Number
DF18E-40DP-0.4V (51)
DF18E-50DP-0.4V (51)
CL No.
684-0031-7-51
684-0032-0-51
Number of Contacts
40
50
A
9.56
11.56
B
8.24
10.24
C
8.40
10.40
D
11.20
13.20
E
10.60
12.60
Plugs (with metal hold-down terminals, increased Removal Force)
Plugs (with metal hold-down terminals)
Note 1
0.15
0.03
A
0.58
0.15
C
0.04
0.58
0.15
A
+0.03
--0.05
B
+0.05
--0.03
P=0.4
0.04
Note 1
Note 1
Note 1
P=0.4
0.02
(C-1.6)
0.02
0.2
0.02
0.6
0.02
0.6
0.02
0.6
0.02
0.6
0.02
D,E
Note 1: The terminals located at each of the 4 corners provide additional
hold to the board’s mounting surface and are not part of electrical
connection.
When counting the terminal leads the number of actual electrical circuits is
lower by 4. Example: Connector with 24 terminal leads will have 20 actual
electrical connections when mated with corresponding part.
Note 2: Please note that mounting of parts within the area of the broken
lines will prevent the connector from mating.
D: When the corresponding connector is DF18B- DS-0.4V (
)
E: When the corresponding connector is DF18C- DS-0.4V (
)
Plugs (with metal hold-down terminals)
PCB mounting pattern
Added hold-down contacts


Similar Part No. - DF18B-120DP-0.4V

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
DF180 SIPOWER-DF180 Datasheet
267Kb / 2P
   Bridge Rectifier
DF180 SIPOWER-DF180 Datasheet
261Kb / 2P
   Bridge Rectifier
logo
WALSIN TECHNOLOGY CORPO...
DF18140836B507T WALSIN-DF18140836B507T Datasheet
885Kb / 13P
   Low loss, Low pass band ripple
DF18140897B801T WALSIN-DF18140897B801T Datasheet
859Kb / 13P
   Low loss, Low pass band ripple
DF18141747B303T WALSIN-DF18141747B303T Datasheet
538Kb / 9P
   Low loss, Low pass band ripple
More results

Similar Description - DF18B-120DP-0.4V

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
JAZN JST-JAZN Datasheet
229Kb / 2P
   0.4mm pitch/ Board-to-board connectors
logo
Hirose Electric
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Japan Aviation Electron...
AA07 JAE-AA07 Datasheet
449Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
WP7A-S030VA1 JAE-WP7A-S030VA1 Datasheet
433Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP7 JAE-WP7 Datasheet
433Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP9 JAE-WP9 Datasheet
676Kb / 6P
   0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WA6 JAE-WA6 Datasheet
336Kb / 5P
   0.4mm pitch Board to Board connector
logo
Hirose Electric
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com