Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS2-151-F Datasheet(PDF) 3 Page - Hirose Electric

Part # HCS2-151-F
Description  RF Coaxial Switches (DC to 15 GHz)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HCS2-151-F Datasheet(HTML) 3 Page - Hirose Electric

  HCS2-151-F Datasheet HTML 1Page - Hirose Electric HCS2-151-F Datasheet HTML 2Page - Hirose Electric HCS2-151-F Datasheet HTML 3Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
141
sExternal Dimensions
sCircuit Diagram
sTypical Data
HCS2-----
-----F
HCS2-----
-----F
110
120
130
140
150
111
121
131
HCS2-----
-----F
HCS2-----
-----F
110
120
130
140
150
111
121
131
When Switching Signal is OFF
Switching signal
Auxiliary contacts
Switching signal
Coaxial connectors
Coaxial connectors


Similar Part No. - HCS2-151-F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
   KEELOQ CODE HOPPING ENCODER
1996
HCS200 MICROCHIP-HCS200 Datasheet
395Kb / 28P
   Memory Programming Specification
2004
HCS200 MICROCHIP-HCS200 Datasheet
728Kb / 34P
   KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS200-/P MICROCHIP-HCS200-/P Datasheet
728Kb / 34P
   KEELOQ Code Hopping Encoder
05/02/11
HCS200-/SN MICROCHIP-HCS200-/SN Datasheet
728Kb / 34P
   KEELOQ Code Hopping Encoder
05/02/11
More results

Similar Description - HCS2-151-F

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
6709 APITECH-6709 Datasheet
73Kb / 2P
   DC TO 1 GHz, COAXIAL
6705 APITECH-6705 Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6705K APITECH-6705K Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6805 APITECH-6805 Datasheet
121Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6605 APITECH-6605 Datasheet
190Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
logo
Filtronic Compound Semi...
6709 FILTRONIC-6709 Datasheet
160Kb / 2P
   PHASE SHIFTER DC TO 1 GHZ, COAXIAL
logo
Mini-Circuits
BLK-18 MINI-BLK-18 Datasheet
43Kb / 1P
   Coaxial DC Block 0.01 to 18 GHz
logo
Hirose Electric
MS-162B HIROSE-MS-162B Datasheet
349Kb / 8P
   Miniature Interface Coaxial Switch, DC to 10 GHz
logo
API Technologies Corp
6802 APITECH-6802 Datasheet
110Kb / 3P
   DC TO 2, 4 GHz, COAXIAL HIGH POWER
6707 APITECH-6707 Datasheet
213Kb / 4P
   DC TO 2, 4 AND 8 GHz, COAXIAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com