Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46DR16320 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS46DR16320
Description  Clock frequency up to 400MHz
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16320 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS46DR16320 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46DR16320 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46DR16320 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46DR16320 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46DR16320 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46DR16320 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46DR16320 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46DR16320 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS46DR16320 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
IS43DR86400, IS43/46DR16320  
Integrated Silicon Solution, Inc. – www.issi.com –
6
Mode Register (MR) Diagram 
A12
0
BA1
0
1
BA0
0
A13
(1)
0
A11
A10
A9
00
0
00
1
01
0
01
1
10
0
10
1
11
0
11
1
A8
0A7
10
1
A6
A5
A4
00
0
00
1
01
0
01
1
10
0
10
1
11
0
11
1
A3
0
1
A2
A1
A0
BL
01
04
01
18
Address 
Field
Mode 
Register
A2
Burst 
Length
Reserved
A1
Burst Type
Sequential
A0
Interleave
A3
BT
5
6
A6
CAS 
Latency
CAS Latency
Reserved
A5
Reserved
Reserved
A4
3
4
A7
TM
Yes
Reserved
A8
DLL
DLL Reset
Mode
No
Normal
A11
WR
4
5
A10
6
Reserved
A9
Reserved
Reserved
A12
PD1
2
3
WR(cycles)
(2)
Slow exit(use tXARDS)
Active power down exit time
Fast exit (use tXARD)
 
Notes: 
1.
A13 is reserved for future use and must be set to 0 when programming the MR. 
2.
The minimum value for WR(write recovery for autoprecharge)  is determined by tCK(Max) and maximum value for WR is determined by tCK(Min). WR in clock 
cycles is calculated by dividing tWR (in ns) by tCK (in ns) and rounding up a non‐integer value to the next integer (WR[cycles] = tWR(ns)/tCK(ns)). The mode 
register must be programmed to this value. This is also used with tRP to determine tDAL. 
DDR2 Extended Mode Register 1 (EMR[1]) Setting  
The  extended  mode  register  1  stores  the  data  for  enabling  or  disabling  the  DLL,  output  driver  strength,  ODT  value  selection  and 
additive  latency.  The  default  value  of  the  extended  mode  register  is  not  defined,  therefore  the  extended  mode  register  must  be 
written after power‐up for proper operation. Extended mode register 1 is written by asserting LOW on CS#, RAS#, CAS#, WE#, BA1 
and HIGH on BA0, and controlling pins A0 ‐ A13. The DDR2 SDRAM should be in all bank precharge with CKE already HIGH prior to 
writing into the extended mode register. The mode register set command cycle time (tMRD) must be satisfied to complete the write 
operation  to  the  extended  mode  register.  Mode  register  contents  can  be  changed  using  the  same  command  and  clock  cycle 
requirements during normal operation as long as all banks are in the precharge state. A0 is used for DLL enable or disable. A1 is used 
for  enabling  reduced  strength  data‐output  driver.  A3 ‐  A5  determines  the  additive  latency,  A2  and  A6  are  used  for  ODT  value 
selection, A7 ‐ A9 are used for OCD control, A10 is used for DQS# disable and A11 is used for RDQS enable. 
Rev. 00A, 11/17/2009


Similar Part No. - IS46DR16320

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46DR16320B-25DBLA2 ISSI-IS46DR16320B-25DBLA2 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS46DR16320B-25EBLA1 ISSI-IS46DR16320B-25EBLA1 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS46DR16320B-37CBA2 ISSI-IS46DR16320B-37CBA2 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS46DR16320B-37CBLA1 ISSI-IS46DR16320B-37CBLA1 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS46DR16320B-37CBLA2 ISSI-IS46DR16320B-37CBLA2 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
More results

Similar Description - IS46DR16320

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR16640A-3DBL ISSI-IS43DR16640A-3DBL Datasheet
855Kb / 28P
   Clock frequency up to 400MHz
IS43DR16128A ISSI-IS43DR16128A Datasheet
993Kb / 26P
   Clock frequency up to 333MHz
logo
Micrel Semiconductor
SY89429A MICREL-SY89429A Datasheet
140Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429A MICREL-SY89429A_09 Datasheet
540Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
logo
Rohm
BU90T82 ROHM-BU90T82 Datasheet
853Kb / 28P
   Support clock frequency from 10MHz up to 174MHz
BU90R102 ROHM-BU90R102 Datasheet
821Kb / 29P
   Support clock frequency from 8MHz up to 160MHz
logo
List of Unclassifed Man...
ICS551MI ETC2-ICS551MI Datasheet
199Kb / 9P
   Input/Output clock frequency up to 160 MHz
logo
Integrated Device Techn...
ICS844801I-24 IDT-ICS844801I-24 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS 400MHZ FREQUENCY SYNTHESIZER
logo
Micrel Semiconductor
SY89429V MICREL-SY89429V Datasheet
138Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429V MICREL-SY89429V_06 Datasheet
609Kb / 10P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com