Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF18E-120DP-0.4V Datasheet(PDF) 1 Page - Hirose Electric

Part # DF18E-120DP-0.4V
Description  0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF18E-120DP-0.4V Datasheet(HTML) 1 Page - Hirose Electric

  DF18E-120DP-0.4V Datasheet HTML 1Page - Hirose Electric DF18E-120DP-0.4V Datasheet HTML 2Page - Hirose Electric DF18E-120DP-0.4V Datasheet HTML 3Page - Hirose Electric DF18E-120DP-0.4V Datasheet HTML 4Page - Hirose Electric DF18E-120DP-0.4V Datasheet HTML 5Page - Hirose Electric DF18E-120DP-0.4V Datasheet HTML 6Page - Hirose Electric DF18E-120DP-0.4V Datasheet HTML 7Page - Hirose Electric DF18E-120DP-0.4V Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
1. Allows higher mounting density of board components
Extremely small board mounting pattern and low above-the-
board profile makes the connector suitable for small device
applications.
2. High Contact Reliability
Despite it’s small size and low profile the contacts have large
deflection distance, guaranteeing reliable electrical
performance.
3. Good Mating Characteristics
Large lead-in distance of 0.33 mm in horizontal directions and
tactile “click” confirms fully mated condition of connectors.
4. Optional Additional Board Retention
For applications requiring extra-strong hold of connectors to the
board connectors can be ordered with optional metal hold-
down.
5. Automatic Board Placement
Connectors have large flat width (Plug: 1.4 mm, Receptacle:
1.44mm) to accommodate pick-up with automatic placement
machines.
Applications
Digital video cameras, Digital still cameras, cellular phones,
miniature displays, cameras portable equipment and other
applications requiring small reliable board-to-board and FPC-
to-Board connections.
0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
DF18 Series
FPC
FPC
Stiffener
Stiffener
Board
Board
0.33mm
Female contact
Male contact
Receptacle
Plug
Low profile – Board-to-board distance of 1.5 mm
High Contact Reliability --- Effective connection wipe of 0.4 mm
Self-alignment distance: 0.33 mm
1
2004.6


Similar Part No. - DF18E-120DP-0.4V

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
DF180 SIPOWER-DF180 Datasheet
267Kb / 2P
   Bridge Rectifier
DF180 SIPOWER-DF180 Datasheet
261Kb / 2P
   Bridge Rectifier
logo
WALSIN TECHNOLOGY CORPO...
DF18140836B507T WALSIN-DF18140836B507T Datasheet
885Kb / 13P
   Low loss, Low pass band ripple
DF18140897B801T WALSIN-DF18140897B801T Datasheet
859Kb / 13P
   Low loss, Low pass band ripple
DF18141747B303T WALSIN-DF18141747B303T Datasheet
538Kb / 9P
   Low loss, Low pass band ripple
More results

Similar Description - DF18E-120DP-0.4V

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
JAZN JST-JAZN Datasheet
229Kb / 2P
   0.4mm pitch/ Board-to-board connectors
logo
Hirose Electric
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Japan Aviation Electron...
AA07 JAE-AA07 Datasheet
449Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
WP7A-S030VA1 JAE-WP7A-S030VA1 Datasheet
433Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP7 JAE-WP7 Datasheet
433Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP9 JAE-WP9 Datasheet
676Kb / 6P
   0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WA6 JAE-WA6 Datasheet
336Kb / 5P
   0.4mm pitch Board to Board connector
logo
Hirose Electric
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com