Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX8C-80S-SV5 Datasheet(PDF) 4 Page - Hirose Electric

Part # FX8C-80S-SV5
Description  0.6mm Pitch Stacking Height 3mm to 16mm Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX8C-80S-SV5 Datasheet(HTML) 4 Page - Hirose Electric

  FX8C-80S-SV5 Datasheet HTML 1Page - Hirose Electric FX8C-80S-SV5 Datasheet HTML 2Page - Hirose Electric FX8C-80S-SV5 Datasheet HTML 3Page - Hirose Electric FX8C-80S-SV5 Datasheet HTML 4Page - Hirose Electric FX8C-80S-SV5 Datasheet HTML 5Page - Hirose Electric FX8C-80S-SV5 Datasheet HTML 6Page - Hirose Electric FX8C-80S-SV5 Datasheet HTML 7Page - Hirose Electric FX8C-80S-SV5 Datasheet HTML 8Page - Hirose Electric FX8C-80S-SV5 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
A239
sHeader (Single Product)
[FX8C-**P-SV]
[FX8C-**P-SV1]
[FX8C-**P-SV2]
[FX8C-**P-SV4]
[FX8C-**P-SV6]
**Blank : Tray packaging product
21: Tube packaging product
22: Embossed tape packaging product
Note1: To order the tube packaging product, please determine
the quantity for delivery, multiplying the tube packaging
product by an integer.
Note 2: The embossed tape packaging product is prepared for 60
and 80 contacts only. In addition, the product will be
procured per reel unit. Please refer to the delivery form item
on page A245 for details.
** Blank : Tray packaging product 21: Tube packaging product 22: Embossed tape packaging product
Note1:To order the tube packaging product, please determine a quantity for delivery,multiplying the tube packaging product by an integer.
Note2:The embossed tape packaging product is prepared for 60 and 80 contacts only. In addition, the product will be sold per reel unit.
Please refer to the packaging specification item on page A245 for details.
Note3:The locator material is installed between leads for the FX8C-P-SV6 type.
Unit:mm
CL No.
Part Number
578-0501-9-**
578-0503-4-**
578-0505-0-**
578-0506-2-**
578-0507-5-**
FX8C-060P-SV(**)
FX8C-080P-SV(**)
FX8C-100P-SV(**)
FX8C-120P-SV(**)
FX8C-140P-SV(**)
Number of Contacts
60
80
100
120
140
A
B
24.60
30.60
36.60
42.60
48.60
23.00
29.00
35.00
41.00
47.00
C
D
E
Tube packaging Quantity (Pieces)
17.40
23.40
29.40
35.40
41.40
22.20
28.20
34.20
40.20
46.20
21
17
14
12
10
20.70
26.70
32.70
38.70
44.70
Part Number
CL No.
Unit: mm
FX8C-060P-SV1
(**)
FX8C-060P-SV2
(**)
FX8C-060P-SV4
(**)
FX8C-060P-SV6
(**)
FX8C-080P-SV1
(**)
FX8C-080P-SV2
(**)
FX8C-080P-SV4
(**)
FX8C-080P-SV6
(**)
FX8C-100P-SV1
(**)
FX8C-100P-SV2
(**)
FX8C-100P-SV4
(**)
FX8C-100P-SV6
(**)
FX8C-120P-SV1
(**)
FX8C-120P-SV2
(**)
FX8C-120P-SV4
(**)
FX8C-120P-SV6
(**)
FX8C-140P-SV1
(**)
FX8C-140P-SV2
(**)
FX8C-140P-SV4
(**)
FX8C-140P-SV6
(**)
578-0521-6-
**
578-0541-3-
**
578-0581-8-
**
578-0601-3-
**
578-0523-1-
**
578-0543-9-
**
578-0583-3-
**
578-0603-9-
**
578-0525-7-
**
578-0545-4-
**
578-0585-9-
**
578-0605-4-
**
578-0526-0-
**
578-0546-7-
**
578-0586-1-
**
578-0606-7-
**
578-0527-2-
**
578-0547-0-
**
578-0587-4-
**
578-0607-0-
**
60
80
100
120
140
24.60
30.60
36.60
42.60
48.60
23.00
29.00
35.00
41.00
47.00
20.70
26.70
32.70
38.70
44.70
22.20
28.20
34.20
40.20
46.20
5.45
6.45
8.45
10.45
5.45
6.45
8.45
10.45
5.45
6.45
8.45
10.45
5.45
6.45
8.45
10.45
5.45
6.45
8.45
10.45
21
17
14
12
10
Number of Contacts
A
B
C
D
E
F
Tube packaging Quantity (Pieces)
17.40
23.40
29.40
35.40
41.40


Similar Part No. - FX8C-80S-SV5

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX8-100/100P11-SV1J HIROSE-FX8-100/100P11-SV1J Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-100/100P11-SVJ HIROSE-FX8-100/100P11-SVJ Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-100/100S11-SVJ HIROSE-FX8-100/100S11-SVJ Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-100P-SV HIROSE-FX8-100P-SV Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-100P-SV1 HIROSE-FX8-100P-SV1 Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
More results

Similar Description - FX8C-80S-SV5

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX8-60P-SV HIROSE-FX8-60P-SV Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
BM50 HIROSE-BM50 Datasheet
384Kb / 11P
   0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector
Mar. 2022
FX6-20P-0.8SV HIROSE-FX6-20P-0.8SV Datasheet
415Kb / 8P
   0.8mm Pitch Stacking Height 5 to 9mm Connector
FX4C-20P-1.27DSA HIROSE-FX4C-20P-1.27DSA Datasheet
477Kb / 7P
   Stacking Height 5 to 11mm Half Pitch Connector
logo
DDK Ltd.
DFW-PAV20-98-3A DDK-DFW-PAV20-98-3A Datasheet
280Kb / 3P
   0.6mm Pitch Floating Connector
logo
Everlight Electronics C...
Y2C-FN1P1VZ EVERLIGHT-Y2C-FN1P1VZ Datasheet
161Kb / 10P
   Chip LED (0.6mm Height)
BHW-ZMNQY EVERLIGHT-BHW-ZMNQY Datasheet
217Kb / 10P
   Chip LED (0.6mm Height)
R6C-AM2P1VY EVERLIGHT-R6C-AM2P1VY Datasheet
222Kb / 10P
   Chip LED(0.6mm Height)
logo
Japan Aviation Electron...
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com