Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6054712 Datasheet(PDF) 3 Page - SICK AG

Part # 6054712
Description  ULTRASONIC SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6054712 Datasheet(HTML) 3 Page - SICK AG

  6054712 Datasheet HTML 1Page - SICK AG 6054712 Datasheet HTML 2Page - SICK AG 6054712 Datasheet HTML 3Page - SICK AG 6054712 Datasheet HTML 4Page - SICK AG 6054712 Datasheet HTML 5Page - SICK AG 6054712 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UC30-214163 | UC30
ULTRASONIC SENSORS
Mechanics/electronics
Supply voltage Vs
DC 9 V ... 30 V 1) 2)
Power consumption
≤ 1.2 W 3)
Initialization time
< 450 ms 4)
Design
Rectangular
Housing material
PBT
PET
Ultrasonic transducer: polyurethane foam, glass epoxy resin
Connection type
Male connector, M12, 5-pin
Indication
2 x LED
Weight
180 g
Sending axis
Straight
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) 15 V ... 30 V when using the analog voltage output.
3) Without load.
4) Subsequent smoothing of the analog output, depending on the application, may increase the initialization time by up to 200 %.
Ambient data
Enclosure rating
IP 67
Protection class
III
Ambient temperature
Operation: –25 °C ... +70 °C
Storage: –40 °C ... +85 °C
Dimensional drawing (Dimensions in mm (inch))
UC30-214
7.6
(0.3)
47 (1.85)
M12x1
34
(1.34)
5.2
(0.2)
8.5
(0.33)
31.1 (1.22)
31.1 (1.22)
7.6
(0.3)
Connection type
4
5
3
2
1
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3


Similar Part No. - 6054712

ManufacturerPart #DatasheetDescription
logo
SICK AG
6054710 SICK-6054710 Datasheet
674Kb / 6P
   ULTRASONIC SENSORS
6054711 SICK-6054711 Datasheet
672Kb / 6P
   ULTRASONIC SENSORS
6054713 SICK-6054713 Datasheet
672Kb / 6P
   ULTRASONIC SENSORS
6054714 SICK-6054714 Datasheet
703Kb / 6P
   ULTRASONIC SENSORS
6054715 SICK-6054715 Datasheet
701Kb / 6P
   ULTRASONIC SENSORS
More results

Similar Description - 6054712

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
UM18-218161102 SICK-UM18-218161102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165101 SICK-UM18-218165101 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165102 SICK-UM18-218165102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com