Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6054717 Datasheet(PDF) 4 Page - SICK AG

Part # 6054717
Description  ULTRASONIC SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6054717 Datasheet(HTML) 4 Page - SICK AG

  6054717 Datasheet HTML 1Page - SICK AG 6054717 Datasheet HTML 2Page - SICK AG 6054717 Datasheet HTML 3Page - SICK AG 6054717 Datasheet HTML 4Page - SICK AG 6054717 Datasheet HTML 5Page - SICK AG 6054717 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
UC30-215164 | UC30
ULTRASONIC SENSORS
Connection diagram
L+
1
3
brn
blk
2
wht
4
M
blu
5 Sync/
Multi
gra
1
Q
¯
/
Q2 2
Q
¯
/
Q1 1
①  Synchronization and multiplex operation/communication Connect+
Adjustment possible
1
D1
2
1 T1
T2
D2
①  Operating elements
②  LED status indicator
Detection area
UM30-215, UC30-215
2,400
(94.49)
3,600
(141.73)
3,600
(141.73)
2,400
(94.49)
1,200
(47.24)
1,200
(47.24)
0
Detection area in mm (inch)
3
4
5
2
0
1,200
(47.24)
3,600
(141.73)
2,400
(94.49)
4,800
(188.98)
6,000
(236.22)
8,400
(330.71)
7,200
(283.46)
Detection area in mm (inch)
1
①  Sensing range dependent on reflection properties, size and orientation of the object
②  Limiting range
③  Working range
④  Example object: aligned plate 500 mm x 500 mm
⑤  Example object: pipe with 27 mm diameter
4
DISTANCE SENSORS | SICK
Online data sheet | 2016-05-02 22:08:07
Subject to change without notice


Similar Part No. - 6054717

ManufacturerPart #DatasheetDescription
logo
SICK AG
6054710 SICK-6054710 Datasheet
674Kb / 6P
   ULTRASONIC SENSORS
6054711 SICK-6054711 Datasheet
672Kb / 6P
   ULTRASONIC SENSORS
6054712 SICK-6054712 Datasheet
672Kb / 6P
   ULTRASONIC SENSORS
6054713 SICK-6054713 Datasheet
672Kb / 6P
   ULTRASONIC SENSORS
6054714 SICK-6054714 Datasheet
703Kb / 6P
   ULTRASONIC SENSORS
More results

Similar Description - 6054717

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
UM18-218161102 SICK-UM18-218161102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165101 SICK-UM18-218165101 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165102 SICK-UM18-218165102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com